công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4964-2K bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG

tên linh kiện TLE4964-2K
Giải thích chi tiết về linh kiện  3.0 V to 32 V operating supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2K bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG

  TLE4964-2K Datasheet HTML 1Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 2Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 3Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 4Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 5Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TLE4964-2K
List of Figures
Data Sheet
5
Revision 1.0, 2012-05-15
Figure 1-1
Image of TLE4964-2K in the PG-SC59-3-5 package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2-1
Pin Configuration and Center of Sensitive Area . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2-2
Functional Block Diagram TLE4964-2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 2-3
Timing Diagram TLE4964-2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 2-4
Output Signal TLE4964-2K. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 2-5
Illustration of the start-up behavior of the TLE4964-2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 3-1
Application Circuit 1: with external resistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 3-2
Application Circuit 2: without external resistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 3-3
Definition of magnetic field direction PG-SC59-3-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 3-4
EMC test circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 4-1
PG-SC59-3-5 Package Outline (All dimensions in mm) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 4-2
Packing of the PG-SC59-3-5 in a tape . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 4-3
Footprint PG-SC59-3-5 and PG-SOT23-3-15. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 4-4
Distance between chip and package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 4-5
Marking of TLE4964-2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 5-1
Operating Point (BOP) of the TLE4964-2K over Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 5-2
Release Point (BRP) of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 5-3
Hysteresis (BHys) of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 6-1
Power On Time tPON of the TLE4964-2K over Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 6-2
Signal Delay Time of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 6-3
Supply Current of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 6-4
Supply Current of the TLE4964-2K over Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 6-5
Output Current Limit of the TLE4964-2K over Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 6-6
Output Current Limit of the TLE4964-2K over applied Pull-up Voltage . . . . . . . . . . . . . . . . . . . . . 22
Figure 6-7
Output Fall Time of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 6-8
Output Fall Time of the TLE4964-2K over applied Pull-up Voltage . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 6-9
Output Rise Time of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 6-10 Output Rise Time of the TLE4964-2K over applied Pull-up Voltage. . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 6-11 Output Leakage Current of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 6-12 Saturation Voltage of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 6-13 Saturation Voltage of the TLE4964-2K over Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 6-14 Effective Noise of the TLE4964-2K Thresholds over Temperature . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 6-15 Output Signal Jitter of the TLE4964-2K over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
List of Figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com