công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP4TA-18 bảng dữ liệu(PDF) 2 Page - Mini-Circuits

tên linh kiện MSP4TA-18
Giải thích chi tiết về linh kiện  SP4T Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MSP4TA-18 bảng dữ liệu(HTML) 2 Page - Mini-Circuits

  MSP4TA-18 Datasheet HTML 1Page - Mini-Circuits MSP4TA-18 Datasheet HTML 2Page - Mini-Circuits MSP4TA-18 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Features
• (ATE) automatic test equipment
• redundancy switching for microwave radio
• ultra-reliable, 10 million cycles
• low insertion loss, 0.2 dB typ.
• high isolation, 90 dB typ
• break-before-make configuration
• absorptive fail-safe switch
• reliable "sleep-time" switching
• protected by US Patents 5,272,458; 6,414,577;
7,633,361; 7,843,289 and 6,650,210
Applications
CASE STYLE: HJ1768
MSP4TA-18+
Electrical Specifications at 25°C
50Ω
DC to 18 GHz, 24 Volt, Absorptive
Connectors Model
SMA
MSP4TA-18+
Switching Position (Non-Energized)
Maximum Ratings
Additional Specifications
Operating Voltage Range
24V (nom) ±0.5V
Switching Time (Typ.)
20ms
Operating Temperature
-15°C to +45°C
Storage Temperature
-15°C to +85°C
RF Power
20W
Control Voltage
26V
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Notes
1. The performance values represents a common value for the frequency range. For typical performance across the frequency
band, see performance graphs in the next page.
2. All ports, all states
3. For port IN in Energized state only.
4. +24 Volt applied to energized port, COM is negative.
front view
back view
HT-Series
Tight Spot
SMA Wrench
From $24.95
Click Here
Parameter
Condition
Min.
Typ. (Note 1)
Max.
Unit
Frequency Range
DC
—
18
GHz
Insertion Loss
DC - 1 GHz
—
0.10
0.20
dB
1 - 8
—
0.15
0.30
8 - 12
—
0.25
0.40
12 - 18
—
0.50
0.80
Isolation
DC - 1 GHz
85
105
—
dB
1 - 8
80
100
—
8 - 12
75
95
—
12 - 18
60
80
—
VSWR (Note 2,3)
DC - 1 GHz
—
1.05
1.10
:1
1 - 8
—
1.20
1.40
8 - 12
—
1.20
1.40
12 - 18
—
1.30
1.60
Control Signal (Note 4)
24V
—
85
125
mA
Switching Lifetime
Hot Switching
0.1W
10 million
—
—
cycles
1.0W
—
1 million
—
RF Power Cold Switching
—
—
—
20
W
REV. L
M159540
MSP4TA-18+
BT/CP
161222
SP4T Switch
Xtra Long Life
Outline Dimensions (
)
inch
mm
Outline Drawing
Marking Drawing
A
B
C
D
E
F
2.63
1.80
1.70
.63
1.06 1.500
66.80 45.72 43.18 16.00 26.92 38.10
G
H
J
K
wt
.24
.172
.15
.19
grams
6.10
4.37
3.81
4.83
160
MSP4TA-18+
Absorptive Switch
DC-18 GHz



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com