| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L5953 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5953 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 24 page ![]() 17/24 L5953 Figure 12. Test Mode Diagnostic Procedure Start (after a Write Enable Latch Sequence, Fig.11) Figure 13. Read the Diagnostic registerCase1: after a Test Mode diagnostic procedure start (Fig. 12) Figure 14. Diagnostic Procedure Start (after a Write Enable Latch Sequence, operation A) Figure 15. Read the Diagnostic RegisterCase2: during the normal working of the L5953 (after a Diagnostic Procedure Start, Fig.14) 00 01 02 03 04 HIGH IMPEDANCE INSTRUCTION STATUS REGISTER 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 s15 s14 s13 s12 s11 s10 s9 s8 s7 s6 s5 s4 s3 s2 s1 s0 S C D Q D03AU1484 CPOL=0, CPHA=0 00 01 02 03 04 HIGH IMPEDANCE INSTRUCTION DIAGNOSTIC REGISTER OUT 05 06 07 08 09 10 11 12 13 14 15 d7 d6 d5 d4 d3 d2 d1 d0 S C D Q D03AU1485 CPOL=0, CPHA=0 00 01 02 03 04 HIGH IMPEDANCE INSTRUCTION STATUS REGISTER 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 s15 s14 s13 s12 s11 s10 s9 s8 s7 s6 s5 s4 s3 s2 s1 s0 S C D Q D03AU1486 CPOL=0, CPHA=0 00 01 02 03 04 HIGH IMPEDANCE INSTRUCTION DIAGNOSTIC REGISTER OUT 05 06 07 08 09 10 11 12 13 14 15 d7 d6 d5 d4 d3 d2 d1 d0 S C D Q D03AU1487 CPOL=0, CPHA=0 |