| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS952703 bảng dữ liệu(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952703 bảng dữ liệu(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 17 page ![]() 7 Integrated Circuit Systems, Inc. ICS952703 Preliminary Product Preview 0813B—05/17/05 I 2C Table: Output Skew Control Register Bit 7 PCISkw3 RW 0000:0 0100:150 1000:300 1100:450 X Bit 6 PCISkw2 RW 0001:N/A 0101:N/A 1001:N/A 1101:600 X Bit 5 PCISkw1 RW 0010:N/A 0110:N/A 1010:N/A 1110:750 X Bit 4 PCISkw0 RW 0011:N/A 0111:N/A 1011:N/A 1111:900 X Bit 3 AGPSkw3 RW 0000:0 0100:150 1000:300 1100:450 X Bit 2 AGPSkw2 RW 0001:N/A 0101:N/A 1001:N/A 1101:600 X Bit 1 AGPSkw1 RW 0010:N/A 0110:N/A 1010:N/A 1110:750 X Bit 0 AGPSkw0 RW 0011:N/A 0111:N/A 1011:N/A 1111:900 X I 2C Table: Output Divider Control Register Bit 7 ZCLKDiv3 RW 0000:/2 0100:/4 1000:/8 1100:/16 X Bit 6 ZCLKDiv2 RW 0001:/3 0101:/6 1001:/12 1101:/24 X Bit 5 ZCLKDiv1 RW 0010:/5 0110:/10 1010:/20 1110:/40 X Bit 4 ZCLKDiv0 RW 0011:/7 0111:/14 1011:/28 1111:/56 X Bit 3 AGPDiv3 RW 0000:/2 0100:/4 1000:/8 1100:/16 X Bit 2 AGPDiv2 RW 0001:/3 0101:/6 1001:/12 1101:/24 X Bit 1 AGPDiv1 RW 0010:/5 0110:/10 1010:/20 1110:/40 X Bit 0 AGPDiv0 RW 0011:/7 0111:/14 1011:/28 1111:/56 X I 2C Table: Output Drive Control Register Bit 7 PCIStr1 RW 1 Bit 6 PCIStr0 RW 1 Bit 5 PCIStr1 RW 1 Bit 4 PCIStr0 RW 1 Bit 3 PCIStr1 RW 1 Bit 2 PCIStr0 RW 1 Bit 1 AGPStr1 RW 1 Bit 0 AGPStr0 RW 1 I 2C Table: Reserved Register Bit 7 Reserved Reserved RW 1 Bit 6 Reserved Reserved RW 1 Bit 5 Reserved Reserved RW 1 Bit 4 Reserved Reserved RW 1 Bit 3 Reserved Reserved RW 1 Bit 2 Reserved Reserved RW 1 Bit 1 Reserved Reserved RW 1 Bit 0 Reserved Reserved RW 1 CPU-AGP 7 Step Skew Control (ps) Type - Pin # - - - - - Byte 6 - - - - - Name Byte 5 Pin # - - - - - - - Byte 4 Pin # Name Name PCICLKF (1:0) Strength Control PCICLK (2:0) Strength Control PCICLK (5:3) Strength Control AGPCLK Strength Control Type Name Type 0 1 Type PWD PWD PWD PWD - - - - Pin # - - Byte 7 - - - - - 01 Control Function Control Function Control Function AGP Divider Ratio Programmaing Bits - - - ZCLK Divider Ratio Programmaing Bits 1 01 0 00 = 0.63X 10 = 0.88X 01 = 0.75X 11 = 1.00X 00 = 0.63X 10 = 0.88X -- -- -- -- -- -- -- -- 10 = 0.90X 01 = 0.75X 11 = 1.00X 00 = 0.63X 10 = 0.88X Control Function CPU-PCI 7 Step Skew Control (ps) 01 = 0.80X 11 = 1.00X 01 = 0.75X 11 = 1.00X 00 = 0.70X |