| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS2305 bảng dữ liệu(PDF) 6 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS2305 bảng dữ liệu(HTML) 6 Page - Integrated Circuit Systems |
|
6 / 8 page ![]() 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER MDS 2305 D 6 Revision 022505 In te gr ated Circuit Systems ● 5 25 Race Stree t, San Jose, CA 951 26 ● te l (40 8) 2 97-12 01 ● www.icst.com ICS2305 Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body) Package dimensions are kept current with JEDEC Publication No. 95 INDEX AREA 1 2 8 D E SEATING PLANE A1 A e - C - B .10 (.004) C C L H h x 45 Millimeters Inches Symbol Min Max Min Max A 1.35 1.75 .0532 .0688 A1 0.10 0.25 .0040 .0098 B 0.33 0.51 .013 .020 C 0.19 0.25 .0075 .0098 D 4.80 5.00 .1890 .1968 E 3.80 4.00 .1497 .1574 e 1.27 BASIC 0.050 BASIC H 5.80 6.20 .2284 .2440 h 0.25 0.50 .010 .020 L 0.40 1.27 .016 .050 α 0 ° 8 ° 0 ° 8 ° |