công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JSW2-63VHDRP bảng dữ liệu(PDF) 3 Page - Mini-Circuits

tên linh kiện JSW2-63VHDRP
Giải thích chi tiết về linh kiện  SPDT RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW2-63VHDRP bảng dữ liệu(HTML) 3 Page - Mini-Circuits

  JSW2-63VHDRP Datasheet HTML 1Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 2Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 3Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 4Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPDT RF Switch
JSW2-63VHDRP+
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Electrical Specifications1, T
AMB=25°C, VDD= +2.3 to +5.5V, 50 Ohms
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range
5
6000
MHz
Insertion Loss2,4
(ON STATE)
5 - 100
—
0.23
—
dB
100 - 1000
—
0.25
0.35
1000 - 2000
—
0.3
0.4
2000 - 3000
—
0.4
0.5
3000 - 4000
—
0.5
0.7
4000 - 5000
—
0.65
0.9
5000 - 6000
—
0.9
1.25
Isolation between Common Port and RF1/RF2 Ports
5 - 100
—
68
—
dB
100 - 1000
42
44
—
1000 - 2000
33
35
—
2000 - 3000
27
29
—
3000 - 4000
22
24
—
4000 - 5000
18
20
—
5000 - 6000
15
17
—
Isolation between RF1 and RF2 Ports
5 - 100
—
61
—
dB
100 - 1000
40
41
—
1000 - 2000
32
33
—
2000 - 3000
26
28
—
3000 - 4000
22
24
—
4000 - 5000
18
20
—
5000 - 6000
15
16
—
Return Loss4
(ON STATE)
5 - 100
33
dB
100 - 1000
28
1000 - 2000
21
2000 - 3000
20
3000 - 4000
18
4000 - 5000
16
5000 - 6000
13
2nd Harmonic5
+18 dBm Pin, 17-204 MHz
-92
dBm
+32 dBm Pout, 850/900 MHz
-99
+32 dBm Pout, 1800/1900 MHz
-101
3rd Harmonic5
+18 dBm Pin, 17-204 MHz
-125
dBm
+32 dBm Pout, 850/900 MHz
-93
+32 dBm Pout, 1800/1900 MHz
-87
IIP2
5
96
17
105
dBm
100 - 6000
115
IIP3
5
75
17
81
dBm
5 - 6000
75
Input 0.1dB Compression point3
5 - 100
33
dBm
100 - 6000
34
θjA
119
°C/W
Notes:
1. Tested on Mini-Circuits’ test board TB-948+ (see Characterization test circuit, Fig.1).
2. Insertion loss values are de-embedded from test board loss.
3. 0.1dB compression is a linearity measure and not meant for continuous operation.
See Figure 2 for max operating power.
4. Insertion loss and return loss are improved by external matching.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com