| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRMCS2013 bảng dữ liệu(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCS2013 bảng dữ liệu(HTML) 9 Page - International Rectifier |
|
9 / 26 page ![]() Reference Design IRMCS2013 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 8 4. Hardware Installation 4.1 Safety Precautions ATTENTION: Remove and lock out power from the drive before you disconnect or reconnect wires or perform service. Wait three minutes after removing power to discharge the bus voltage. Do not attempt to service the drive until bus voltage has discharged to zero. Failure to do so may result in bodily injury or death. ATTENTION: The drive is intended to be commanded by control input that will start and stop the motor. A device that routinely disconnects then reapplies input power to the drive for the purpose of starting and stopping the motor should not be used. Failure to follow this guideline may result in damage of equipment, and/or bodily injury or death. ATTENTION: Do not connect power factor correction capacitors to drive output terminals U, V, and W. Failure to do so may result in equipment damage or bodily injury. ! ! ! |