| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HSMS-285P bảng dữ liệu(PDF) 13 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HSMS-285P bảng dữ liệu(HTML) 13 Page - Agilent(Hewlett-Packard) |
|
13 / 13 page ![]() www.agilent.com/semiconductors For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (65) 6756 2394 India, Australia, New Zealand: (65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (65) 6755 2044 Taiwan: (65) 6755 1843 Data subject to change. Copyright © 2004 Agilent Technologies, Inc. Obsoletes 5968-7457E March 24, 2004 5989-0479EN Tape Dimensions and Product Orientation For Outlines SOT-323, -363 P P0 P2 F W C D1 D E A0 An t1 (CARRIER TAPE THICKNESS) Tt (COVER TAPE THICKNESS) An B0 K0 DESCRIPTION SYMBOL SIZE (mm) SIZE (INCHES) LENGTH WIDTH DEPTH PITCH BOTTOM HOLE DIAMETER A0 B0 K0 P D1 2.40 ± 0.10 2.40 ± 0.10 1.20 ± 0.10 4.00 ± 0.10 1.00 + 0.25 0.094 ± 0.004 0.094 ± 0.004 0.047 ± 0.004 0.157 ± 0.004 0.039 + 0.010 CAVITY DIAMETER PITCH POSITION D P0 E 1.55 ± 0.05 4.00 ± 0.10 1.75 ± 0.10 0.061 ± 0.002 0.157 ± 0.004 0.069 ± 0.004 PERFORATION WIDTH THICKNESS W t1 8.00 ± 0.30 0.254 ± 0.02 0.315 ± 0.012 0.0100 ± 0.0008 CARRIER TAPE CAVITY TO PERFORATION (WIDTH DIRECTION) CAVITY TO PERFORATION (LENGTH DIRECTION) F P2 3.50 ± 0.05 2.00 ± 0.05 0.138 ± 0.002 0.079 ± 0.002 DISTANCE FOR SOT-323 (SC70-3 LEAD) An 8 °C MAX FOR SOT-363 (SC70-6 LEAD) 10 °C MAX ANGLE WIDTH TAPE THICKNESS C Tt 5.4 ± 0.10 0.062 ± 0.001 0.205 ± 0.004 0.0025 ± 0.00004 COVER TAPE |