công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RSB-4411 bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện RSB-4411
Giải thích chi tiết về linh kiện  NXP ARM Cortex-A9 i.MX6 3.5" SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RSB-4411 bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  RSB-4411 Datasheet HTML 1Page - Advantech Co., Ltd. RSB-4411 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Platforms
Features
ƒ NXP ARM® Cortex®-A9 i.MX6 Dual/Quad up to 1 GHz
ƒ Onboard 1GB DDR3 memory and 4GB eMMC
ƒ HDMI and VGA 1920x1080 at 60Hz, Dual Channel 18/24 bit LVDS
ƒ 3 UART, 1 GbE, 5 USB 2.0, 20 GPIO, 2 I2C, 1 SPI
ƒ M.2 for WIFI/BT support , mini-PCIe for WIFI/3G support
ƒ Low power consumption, fanless design
ƒ Supports Linux and Android
RSB-4411
NXP ARM® Cortex®-A9 i.MX6 3.5" SBC
Introduction
RSB-4411 is a RISC 3.5" single board computer (SBC) powered by a high-performance NXP ARM® Cortex®-A9 i.MX6 processor that supports full HD video encoding/decoding and
Gigabit Ethernet networking. RSB-4411 also features mini PCIe, M.2, and SIM card slots for integrating Wi-Fi, Bluetooth, and 3G/4G/LTE modules. Equipped with complete Linux
and Android BSPs, this system enables customers to easily develop unique application software for specific OS.
Specifications
Form Factor
3.5" SBC
Processor System
CPU
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad-core up to 1.0 GHz processor
Technology
DDR3 1066 MHz
Capacity
1 GB of DDR3 onboard
Flash
4 GB of eMMC NAND Flash for OS and 4 MB of SPI NOR Flash for Advantech's boot loader
Graphics
LVDS
1 x 18/24-bit LVDS with 1366 x 768 resolution for 1 channel; 1920 x 1080 resolution for 2 channels at 60Hz
HDMI
1 HDMI, 1920 x 1080 at 60Hz
VGA
1 VGA,1920 x 1080 at 60Hz
Graphics Engine
3 IPUs. OpenGL ES 2.0 for 3D, BitBlt for 2D and OpenVG 1.1
H/W Video Codec
Decoder: MPEG-4 ASP, H.264 HP, H.263, MPEG-2 MP, MJPEG BP
Encoder: MPEG-4 SP, H.264 BP, H.263, MJPEG BP
Ethernet
Chipset
NXP i.MX6 integrated RGMII
Speed
1 x 10/100/1000 Mbps
WatchDog Timer
1~6553s, power on/off 4s
I/O
SATA
1
SATA Power
1
USB
1 x USB OTG, 2 x USB Type A, and 3 x USB pin headers
Audio
1 x line-out, 1 x mic-in via a pin header
SPDIF
-
SDIO
-
Serial Port
2 x 2-wire RS-232 pin header
1 x 4-wire RSB-232/422/485, DB9
SPI
1
CAN
2
GPIO
20-pin 3.3V TTL level GPIOs
I2C
2
System Bus
-
Touch
-
I/R
-
Button
-
Expansion
Mini PCIe
1 x mini PCIe slot
SD Socket
1 x SD slot
SIM Slot
1 x SIM slot
M.2 Socket
1 x M.2 slot
Power
Power Supply Voltage
12 V, 19 V, 24 V
Power Type
DC-in
Power Consumption
-
Environment
Operating Temperature
0 ~ 60 °C/-40 ~ 85 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
146 x 102 x 20 mm
Operation System
Linux and Android
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice.
Last updated : 17-Apr-2017


Số phần tương tự - RSB-4411

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
RSB-4411 ADVANTECH-RSB-4411 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
RSB-4411CD-PNA1E ADVANTECH-RSB-4411CD-PNA1E Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
RSB-4411CQ-PNA1E ADVANTECH-RSB-4411CQ-PNA1E Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
RSB-4411WD-ONA1E ADVANTECH-RSB-4411WD-ONA1E Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
RSB-4411WQ-ONA1E ADVANTECH-RSB-4411WQ-ONA1E Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
More results

Mô tả tương tự - RSB-4411

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
RSB-4410 ADVANTECH-RSB-4410_15 Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410 ADVANTECH-RSB-4410 Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410CD-MDA1E ADVANTECH-RSB-4410CD-MDA1E Datasheet
634Kb / 2P
Freescale ARM Cortex-A9 i.MX6 SBC
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
logo
BCM Advanced Research.
AR6MXQ-DEV BCM-AR6MXQ-DEV Datasheet
141Kb / 1P
NXP i.MX6 ARM Cortex A9 Quad Core Development Kit
2/17/2016
AR6MXS BCM-AR6MXS Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com