công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM54HC42 bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện MM54HC42
Giải thích chi tiết về linh kiện  BCD-to-Decimal Decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC42 bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  MM54HC42 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC42 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC42 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC42 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
15
25
ns
Delay
AC Electrical Characteristics VCCe20V to 60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
V
ns
Delay
V
ns
V
ns
tTLH tTHL
Maximum Output Rise
V
ns
and Fall Time
V
ns
V
ns
CPD
Power Dissipation
per package
pF
Capacitance Note
CIN
Maximum Input
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3



Html Pages

1 2 3 4