công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1923 bảng dữ liệu(PDF) 13 Page - Linear Technology

tên linh kiện LTC1923
Giải thích chi tiết về linh kiện  High Efficiency Thermoelectric Cooler Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1923 bảng dữ liệu(HTML) 13 Page - Linear Technology

Back Button LTC1923 Datasheet HTML 9Page - Linear Technology LTC1923 Datasheet HTML 10Page - Linear Technology LTC1923 Datasheet HTML 11Page - Linear Technology LTC1923 Datasheet HTML 12Page - Linear Technology LTC1923 Datasheet HTML 13Page - Linear Technology LTC1923 Datasheet HTML 14Page - Linear Technology LTC1923 Datasheet HTML 15Page - Linear Technology LTC1923 Datasheet HTML 16Page - Linear Technology LTC1923 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC1923
1923f
Transistor M1 is off and the current limit threshold is given
by:
I
RV
RR
R
LIMIT
ILIM
REF
ILIM
ILIM
S
=
+
()
015
1
12
.•
•
•
When TEC– is greater than TEC+, the open-drain output,
H/C, pulls high through RPULLUP, causing M1 to turn on.
The current limit value is given by:
I
RR
V
RR
R
R
LIMIT
ILIM
ILIM
REF
ILIM
ILIM
ILIM
S
=
()
+
()
015
13
21
3
.•
•
•
reducing the current limit threshold for heating. If the
heating current limit needs to be greater than the cooling
limit, an extra inversion can be added.
Open/Shorted Thermistor Detection
The temperature sense element (NTC thermistor, plati-
num RTD or other appropriate component) must be prop-
erly connected in order for the system to regulate
temperature. If the sense element is incorrectly con-
nected, the system will be unable to control the tempera-
ture and the potential exists for the system to thermally run
away.
A TEC by nature produces a temperature differential be-
tween opposite sides of the device depending upon how
much current is flowing through it. There is a maximum
limit to the amount of temperature differential that can be
produced, which depends upon a number of physical
OPERATIO
parameters including the size of the TEC and how well
heatsinked the device is. The TEC itself dissipates power
to produce the temperature differential, generating heat,
which must also be removed. At a certain level of power
dissipation in the TEC, both sides will begin to heat. This
is because the TEC will not be able to pump the self-
generated heat to the outside world, which can lead to
thermal runaway. If the device thermally runs away, dam-
age to the TEC and possibly the components whose
temperature is being regulated will occur.
The LTC1923 contains two dedicated comparators that
directly monitor the voltage on the thermistor. If this
voltage is outside the valid window, a latch is set and the
FAULT pin is asserted low. The output drivers are not shut
off and the control circuitry is not disabled, meaning the
part will continue to try to regulate temperature. It is up to
the user to use the FAULT signal to disable the appropriate
circuitry. There are a couple of ways to do this. The first
way is to have the FAULT signal a system microprocessor
to shut the system down through the SDSYNC pin. Fig-
ure 5 shows another means of protecting the system.
External NMOS M1 and PMOS M2 have been added along
with two pull-up resistors (RP1 and RP2). M1 and RP2
invert the FAULT signal while M2 acts as a switch in series
with bridge. When no fault is present, the gate of M1 is
–
+
H/C
M1
2N7002
LTC1923
ILIM
TEC+
TEC –
1923 F04
RLIM3
RILIM1
RILIM2
VREF
VDD
RPULLUP
Figure 4. Independently Heating/Cooling Current Limit
4
3
2
1
1923 F05
NDRVB
NDRVA
CS+
RS
CS–
PDRVA
PDRVB
FAULT
M1
M2
RP2
TEC
VDD
VDD
VDD
RP1
Figure 5. Redundant Fault Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com