| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BC848 bảng dữ liệu(PDF) 2 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
BC848 bảng dữ liệu(HTML) 2 Page - Zetex Semiconductors |
|
2 / 3 page ![]() ELECTRICAL CHARACTERISTICS (Continued) PARAMETER SYMBOL BC846 BC847 BC848 BC849 BC850 UNIT CONDITIONS. Dynamic Group VI Characteristics Group A Group B Group C hie Min Typ Max 0.4 1.2 2.2 0.4 1.2 2.2 0.4 1.2 2.2 kΩ kΩ kΩ VCE=5V Ic=2mA Min Typ Max 1.6 2.7 4.5 1.6 2.7 4.5 1.6 2.7 4.5 kΩ kΩ kΩ Min Typ Max 3.2 4.5 8.5 kΩ kΩ kΩ Min Typ Max 6 8.7 15 6 8.7 15 6 8.7 15 kΩ kΩ kΩ Group VI Group A Group B Group C hre Typ Typ Typ Typ 2.5 1.5 2 2.5 1.5 2 2.5 1.5 2 3 2 3 2 3 x10-4 x10-4 x10-4 x10-4 Group VI Group A Group B Group C hfe Min Typ Max 75 110 150 75 110 150 75 110 150 Min Typ Max 125 220 260 125 220 260 125 220 260 Min Typ Max 240 330 500 Min Typ Max 450 600 900 450 600 900 450 600 900 450 600 900 Group VI hoe Typ Max 20 40 20 40 20 40 µ s µ s Group A Typ Max 18 30 18 30 18 30 µ s µ s Group B Typ Max 30 60 µ s µ s Group C Typ Max 60 110 60 110 60 110 µ s µ s BC846 BC847 BC848 BC849 BC850 ELECTRICAL CHARACTERISTICS (Continued) PARAMETER SYMBOL BC846 BC847 BC848 BC849 BC850 UNIT CONDITIONS. Static Group VI Forward Current Ratio hFE Min Typ Max 75 110 150 75 110 150 75 110 150 IC=2mA, VCE=5V Group A hFE Typ 90 9090 IC=0.01mA, VCE=5V Min Typ Max 110 180 220 110 180 220 110 180 220 IC=2mA, VCE=5V Typ 120 120 120 IC=100mA, VCE=5V Group B hFE Typ 150 IC=0.01mA, VCE=5V Min Typ Max 200 290 450 IC=2mA, VCE=5V Typ 200 200 200 IC=100mA, VCE=5V Group C hFE Typ. 270 270 270 270 IC=0.01mA, VCE=5V Min Typ Max 420 500 800 420 500 800 420 500 800 420 500 800 IC=2mA, VCE=5V Typ 400 IC=100mA, VCE=5V Transition Frequency fT Typ 300 MHz IC=10mA, VCE=5V f=100MHz Collector-Base Capacitance Cobo Typ Max 2.5 4.5 pF pF VCB=10V f=1MHz Emitter-Base Capacitance Cib0 Typ 9 pF VEB=0.5V f=1MHz Noise Figure N Typ Max 2 10 2 10 2 10 1.2 4 1 4 dB dB VCE= 5V, IC=200µA, RG=2kΩ, f=1kHz, ∆ f=200Hz Typ Max 1.2 4 1 3 dB dB VCE= 5V, IC=200µA, RG=2kΩ, f=30Hz to 15kHz at -3dB points Equivalent Noise Voltage en Max. 110 110 nV VCE= 5V, IC=200µA, RG=2kΩ, f=10Hz to 50Hz at -3dB points BC846 BC847 BC848 BC849 BC850 Spice parameter data is available upon request for this device |