công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS33CF bảng dữ liệu(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

tên linh kiện SS33CF
Giải thích chi tiết về linh kiện  Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BILIN [Galaxy Semi-Conductor Holdings Limited]
Trang chủ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS33CF bảng dữ liệu(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS33CF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS33CF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS33CF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SS33CF Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Rectifiers
SS32CF--SS34CF
SCF401AA
www.gmesemi.com
Rev.B
Production specification
Features
Metal silicon junction, majority carrier conduction
High surge capability
High temperature soldering guaranteed:
260°C/10 seconds
High current capability, low forward voltage drop
Guarding for over voltage protection
RoHS Compliant
Mechanical Data
Case: SMCF molded plastic
Molding compound, UL flammability classification rating 94V-0
Terminals: Matte tin plated leads, solderable perJ-STD-002 and JESD22-B102
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS32CF
SS33CF
SS34CF
Units
Peak repetitive reverse voltage
VRRM
20
30
40
V
RMS reverse voltage
VRMS
14
21
28
V
DC blocking voltage
VDC
20
30
40
V
Maximum average forward output current
IF(AV)
3.0
A
Peak forward surge current,
8.3ms single half-sine-wave
IFSM
80
A
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
SS32CF
SS33CF
SS34CF
Units
Typical thermal resistance
(Note 1)
R ΘJA
R ΘJC
R ΘJL
27
°C /W
10
4
Operating junction temperature range
TJ
- 55 ---- + 125
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Số phần tương tự - SS33CF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdiode Semiconducto...
SS33C CHENDA-SS33C Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS33C LEIDITECH-SS33C Datasheet
341Kb / 3P
Schottky rectifier
logo
Guangdong Youtai Semico...
SS33C UMW-SS33C Datasheet
636Kb / 3P
20V-200V 3.0A
logo
TECH PUBLIC Electronics...
SS33C TECHPUBLIC-SS33C Datasheet
1Mb / 3P
Reverse Voltage - 20 to 200 Volts Forward Current - 3.0 Ampere
More results

Mô tả tương tự - SS33CF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com