| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5247 bảng dữ liệu(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5247 bảng dữ liệu(HTML) 12 Page - Analog Devices |
|
12 / 20 page ![]() AD5247 I2C INTERFACE Table 5. Write Mode S 0 1 0 1 1 1 0 W A X D6 D5 D4 D3 D2 D1 D0 A P Slave Address Byte Data Byte Table 6. Read Mode S 0 1 0 1 1 1 0 R A 0 D6 D5 D4 D3 D2 D1 D0 A P Slave Address Byte Data Byte S = Start Condition. P = Stop Condition. A = Acknowledge. X = Don’t Care. W = Write. R = Read. D6, D5, D4, D3, D2, D1, D0 = Data Bits. t1 t3 t4 t2 t7 t8 t9 PS P S t10 t5 t9 t8 SCL SDA t2 t6 Figure 31. I2C Interface, Detailed Timing Diagram SCL FRAME 1 FRAME 2 START BY MASTER ACK BY AD5247 SLAVE ADDRESS BYTE STOP BY MASTER DATA BYTE SDA 0 1 0 1 1 1 0 R/W XD6 D4 D3 D2 D1 D0 1 19 ACK BY AD5247 1 9 D5 Figure 32. Writing to the RDAC Register NO ACK BY MASTER SCL SDA 0 1 0 1 1 1 0 R/W 0 D6 D5 D4 D3 D2 D1 D0 1 9 1 9 FRAME 1 FRAME 2 START BY MASTER ACK BY AD5247 SLAVE ADDRESS BYTE RDAC REGISTER STOP BY MASTER Figure 33. Reading from the RDAC Register Rev. 0 | Page 12 of 20 |