| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMM205NR21 bảng dữ liệu(PDF) 4 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMM205NR21 bảng dữ liệu(HTML) 4 Page - Summit Microelectronics, Inc. |
|
4 / 20 page ![]() SMM205 Preliminary Information Summit Microelectronics, Inc 2069 1.4 6/23/03 4 PIN DESCRIPTIONS Pin Number Pin Type Pin Name Pin Description 28 DATA SDA I 2C Bi-directional data line. 1 CLK SCL I 2C clock input. 2 I A2 4 I A1 6 I A0 The address pins are biased either to VDD_CAP or GND. When communicating with the SMM205 over the 2-wire bus these pins provide a mechanism for assigning a unique bus address. 8 I WP# Write Protect active low input. When asserted writes to the configuration registers and general purpose EE are not allowed. 10 CAP FILT_CAP External capacitor input used to filter the VM inputs. 15, 18 CAP TRIM_CAPx External capacitor input used for Active Control and margining. 16, 20 O TRIMx Output voltage used to control and/or margin converter voltages. Connect to the converter trim input. 14, 17 I VMx Voltage monitor input. Connect to the DC/DC converter positive sense line or its +Vout pin. 9 I VREF_CNTL Voltage reference input used for DC output control and margining. VREF_CNTL can be programmed to output the internal 1.25V reference voltage. Pin should be left open if using VREF internal. 21 PWR VDD Power supply of the part. 7 GND GND Ground of the part. The SMM205 ground pin should be connected to the ground of the device under control or to a star point ground. PCB layout should take into consideration ground drops. 22 PWR 12VIN 12V power supply input internally regulated to either 3.6V or 5.5V. When using the 3.6V internal regulator option the voltage input can be as low as 8V. It can be as high as 15V using the 5.5V internal regulator. 3 I START Programmable active high/low input. The START input is used solely for enabling Active Control and/or margining. 5 I/O READY Programmable active high/low open drain output indicates that VM is at its set point. When programmed as an active high output READY can also be used as an input. When pulled low it will latch the state of the comparator inputs. 23 CAP VDD_CAP External capacitor input used to filter the internal supply rail. 19 I COMP1 12 I COMP2 COMP1 and COMP2 are high impedance inputs, each connected internally to a comparator and compared against the VREF_CNTL input. Each comparator can be independently programmed to monitor for UV or OV. The monitor level is set externally with a resistive voltage divider. 11 O FAULT# When either of the COMP1 or COMP2 inputs are in fault the open-drain FAULT# output will be pulled low. A configuration option exists to disable the FAULT# output while the device is margining. 13, 24-27 NC NC No Connect. Leave floating; do not connect anything to the NC pins. |