công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1040957 bảng dữ liệu(PDF) 5 Page - SICK AG

tên linh kiện 1040957
Giải thích chi tiết về linh kiện  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

1040957 bảng dữ liệu(HTML) 5 Page - SICK AG

  1040957 Datasheet HTML 1Page - SICK AG 1040957 Datasheet HTML 2Page - SICK AG 1040957 Datasheet HTML 3Page - SICK AG 1040957 Datasheet HTML 4Page - SICK AG 1040957 Datasheet HTML 5Page - SICK AG 1040957 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IME18-08NNSZC0K | IME
INDUCTIVE PROXIMITY SENSORS
Recommended accessories
Other models and accessories
www.sick.com/IME
Brief description
Type
Part no.
Universal bar clamp systems
Universal bar clamp for mounting bars with 12 mm diameter, Zinc diecast, without
mounting plate and screws
BEF-KHS-KH3
5322626
Mounting brackets and plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
Terminal and alignment brackets
Clamping block for round sensors M18, without fixed stop, plastic (PA12), glass-fiber re-
inforced, mounting hardware included
BEF-KH-M18
2051481
Clamping block for round sensors M18, with fixed stop, plastic (PA12), glass-fiber rein-
forced, mounting hardware included
BEF-KHF-M18
2051482
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: open cable ends
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF2A14-020VB3XLEAX
2096234
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: open cable ends
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF2A14-050VB3XLEAX
2096235
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: open cable ends
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
YF2A14-100VB3XLEAX
2096236
Head A: female connector, M12, 4-pin, angled, A-coded
Head B: open cable ends
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YG2A14-020VB3XLEAX
2095895
Head A: female connector, M12, 4-pin, angled, A-coded
Head B: open cable ends
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YG2A14-050VB3XLEAX
2095897
Head A: female connector, M12, 4-pin, angled, A-coded
Head B: open cable ends
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
YG2A14-100VB3XLEAX
2095898
Head A: female connector, M12, 4-pin, straight
Head B: -
Cable: unshielded
DOS-1204-G
6007302
Head A: female connector, M12, 4-pin, angled
Head B: -
Cable: unshielded
DOS-1204-W
6007303
2018-03-05 11:41:14 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com