công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M54977P bảng dữ liệu(PDF) 4 Page - Mitsubishi Electric Semiconductor

tên linh kiện M54977P
Giải thích chi tiết về linh kiện  Bi-CMOS 12-BIT SERIAL-INPUT LATCHED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54977P bảng dữ liệu(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54977P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54977P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54977P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54977P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54977P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54977P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Bi-CMOS 12-BIT SERIAL-INPUT LATCHED DRIVER
M54977P
MITSUBISHI <CONTROL / DRIVER IC>
O1 – O12 : OFF
Symbol
Ratings
Unit
Parameter
Conditions
ABSOLUTE MAXIMUM RATINGS (Ta=-20 to 75
°C, unless otherwise noted)
VCC
VI
VO
IO
Pd
Topr
Tstg
Supply voltage
Input voltage
Output voltage
Output current
Power dissipation
Operating temperature
Storage temperature
S-OUT
Ta=25
°C
0 – 7
0– VCC
0– VCC
0– 30
250
1.25
-55 – 125
V
V
V
mA
W
°C
Limits
Min.
Typ.
Max.
Symbol
Conditions
Unit
Parameter
RECOMMENDED OPERATING CONDITION (Ta=-20 to 75
°C, unless otherwise noted)
VCC
VO
IO
Supply voltage
Applied output voltage
Output current (per circuit)
O1 – O12 : OFF
All outputs go in the ON state simultaneously.
Duty cycle < 20%
45
6
30
200
V
V
mA
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
ELECTRICAL CHARACTERISTICS (Ta=25
°C, VCC=5V, unless otherwise noted)
VIH
VIL
VOH
VOL
IOH
IOL
VOL1
IOLK
ICC1
ICC2
High-level input voltage
Low-level input voltage
Input resistance
High-level output voltage
Low-level output voltage
High-level output current
Low-level output current
Supply current
Output leak current
Ta=-20 – 75
°C, VCC=4 – 6V
VOH=4.5V
IOL=100mA
IOL=200mA
Input: open, All driver outputs: OFF
0.7VCC
0
50
4.9
-100
400
VCC
0.3VCC
0.1
1.2
1.4
V
V
k
V
V
µA
µA
V
-20 – 75
RIN
VOL2
Low-level output voltage
|IO|
≤1µA
VO=30V
VOL=0.4V
One driver output is ON.
50
10
1.25
V
µA
µA
mA
°C
S-OUT
S-OUT
S-OUT
S-OUT
O1 – O12
O1 – O12



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com