công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X4285F bảng dữ liệu(PDF) 2 Page - Xicor Inc.

tên linh kiện X4285F
Giải thích chi tiết về linh kiện  CPU Supervisor with 128K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XICOR [Xicor Inc.]
Trang chủ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4285F bảng dữ liệu(HTML) 2 Page - Xicor Inc.

  X4285F Datasheet HTML 1Page - Xicor Inc. X4285F Datasheet HTML 2Page - Xicor Inc. X4285F Datasheet HTML 3Page - Xicor Inc. X4285F Datasheet HTML 4Page - Xicor Inc. X4285F Datasheet HTML 5Page - Xicor Inc. X4285F Datasheet HTML 6Page - Xicor Inc. X4285F Datasheet HTML 7Page - Xicor Inc. X4285F Datasheet HTML 8Page - Xicor Inc. X4285F Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
X4283/85 – Preliminary Information
Characteristics subject to change without notice.
2 of 22
REV 1.17 11/27/00
www.xicor.com
standard Vtrip thresholds are available, however, Xicor’s
unique circuits allow the threshold to be reprogrammed
to meet custom requirements or to fine-tune the thresh-
old for applications requiring higher precision.
The memory portion of the device is a CMOS Serial
EEPROM array with Xicor’s Block Lock protection. The
array is internally organized as 64 bytes per page. The
device features an 2-wire interface and software proto-
col allowing operation on an 2-wire bus.
PIN CONFIGURATION
S1
VSS
VCC
SDA
SCL
3
2
4
1
6
7
5
8
S0
WP
RST/RST
VCC
S1
SCL
RST/RST
VSS
3
2
4
1
6
7
5
8
WP
SDA
S0
8-Pin JEDEC SOIC
8-Pin TSSOP
PIN DESCRIPTION
Pin
(SOIC)
Pin
(TSSOP)
Name
Function
13
S0
Device Select Input
24
S1
Device Select Input
3
5
RESET/
RESET
Reset Output. RESET/RESET is an active LOW/HIGH, open drain output which
goes active whenever VCC falls below the minimum VCC sense level. It will remain
active until VCC rises above the minimum VCC sense level for 250ms. RESET/
RESET goes active if the Watchdog Timer is enabled and SDA remains either
HIGH or LOW longer than the selectable Watchdog time out period. A falling edge
on SDA, while SCL is HIGH, resets the Watchdog Timer. RESET/RESET goes
active on power up and remains active for 250ms after the power supply stabilizes.
46
VSS
Ground
5
7
SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open drain
or open collector outputs. This pin requires a pull up resistor and the input buffer
is always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is HIGH) restarts
the Watchdog timer. The absence of a HIGH to LOW transition within the watchdog
time out period results in RESET/RESET going active.
6
8
SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
71
WP
Write Protect. WP HIGH used in conjunction with WPEN bit prevents writes to
the control register.
82
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com