công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29DL324GT70 bảng dữ liệu(PDF) 49 Page - Advanced Micro Devices

tên linh kiện AM29DL324GT70
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL324GT70 bảng dữ liệu(HTML) 49 Page - Advanced Micro Devices

Back Button AM29DL324GT70 Datasheet HTML 45Page - Advanced Micro Devices AM29DL324GT70 Datasheet HTML 46Page - Advanced Micro Devices AM29DL324GT70 Datasheet HTML 47Page - Advanced Micro Devices AM29DL324GT70 Datasheet HTML 48Page - Advanced Micro Devices AM29DL324GT70 Datasheet HTML 49Page - Advanced Micro Devices AM29DL324GT70 Datasheet HTML 50Page - Advanced Micro Devices AM29DL324GT70 Datasheet HTML 51Page - Advanced Micro Devices AM29DL324GT70 Datasheet HTML 52Page - Advanced Micro Devices AM29DL324GT70 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
February 9, 2005
Am29DL32xG
47
DA TA SH EET
AC CHARACTERISTICS
Sector/Sector Block Protect: 150 µs,
Sector/Sector Block Unprotect: 15 ms
1 µs
RESET#
SA, A6,
A1, A0
Data
CE#
WE#
OE#
60h
60h
40h
Valid*
Valid*
Valid*
Status
Sector/Sector Block Protect or Unprotect
Verify
VID
VIH
* For sector protect, A6 = 0, A1 = 1, A0 = 0. For sector unprotect, A6 = 1, A1 = 1, A0 = 0.
Figure 25.
Sector/Sector Block Protect and Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58