công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ROS-1240-219 bảng dữ liệu(PDF) 2 Page - Mini-Circuits

tên linh kiện ROS-1240-219
Giải thích chi tiết về linh kiện  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-1240-219 bảng dữ liệu(HTML) 2 Page - Mini-Circuits

  ROS-1240-219 Datasheet HTML 1Page - Mini-Circuits ROS-1240-219 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits
®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data & Curves*
ROS-1240-219+
Page 2 of 2
ROS-1240-219+
Frequency and Tuning Sensitivity
1100
1120
1140
1160
1180
1200
1220
1240
1260
1280
02
468
10
12
Tuning Voltage (V)
9
10
11
12
13
14
15
16
17
18
FREQ. @ -55°C
FREQ. @ +25°C
FREQ. @ +85°C
T.SENS @ +25°C
ROS-1240-219+
Power Output
5.1
5.2
5.3
5.4
5.5
5.6
02
468
10
12
Tuning Voltage (V)
-55°C
+25°C
+85°C
ROS-1240-219+
Frequency Pulling & Pushing (Vcc ± 5%)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
02
468
10
12
Tuning Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Pulling
Pushing
ROS-1240-219+
Phase Noise Vs. Tuning Voltage
-160
-150
-140
-130
-120
-110
-100
-90
-80
02
468
10
12
Tuning Voltage (V)
1KHz
10KHz
100KHz
1MHz
*at 25o
ROS-1240-219+
Harmonics Level
-55
-50
-45
-40
-35
-30
-25
-20
02468
10
12
Tuning Voltage (V)
F2
F3
F4
ROS-1240-219+
Phase Noise
-160
-150
-140
-130
-120
-110
-100
-90
-80
1
10
100
1000
Frequency Offset (KHz)
V
TUNE
FREQUENCY
POWER OUTPUT
Icc
HARMONICS (dBc)
FREQ. FREQ.
PHASE NOISE (dBc/Hz)
FREQ
PHASE
TUNE SENS
(MHz)
(dBm)
(mA)
PUSH
PULL
OFFSET NOISE at
(MHz/V)
(MHz/V) (MHz)
(KHz) 1200 MHz
-55
°C+25°C+85°C-55°C+25°C+85°C
F2
F3
F4
1kHz
10kHz
100kHz
1MHz
(dBc/Hz)
0.00
17.07 1122.6 1113.4 1107.2 5.27
5.45
5.34 23.01 -23.7
-47.1
-46.3
0.38
0.63
-85.2
-111.6
-132.6
-152.4
1.0
-88.65
0.50
14.67 1130.7 1122.0 1116.2 5.28
5.45
5.35 23.02 -24.3
-46.5
-46.4
0.11
0.87
-87.2
-112.7
-133.8
-153.6
2.0
-97.08
1.00
13.75 1137.9 1129.3 1123.6 5.28
5.45
5.35 23.03 -24.7
-46.1
-46.8
0.01
0.98
-87.4
-113.1
-134.5
-154.5
3.5
-103.51
2.00
13.20 1151.3 1142.9 1137.3 5.29
5.43
5.33 23.08 -25.5
-45.6
-47.1
0.07
0.87
-89.0
-113.8
-135.0
-154.0
6.0
-109.29
3.00
13.05 1164.4 1156.0 1150.5 5.29
5.41
5.33 23.13 -26.5
-45.4
-46.6
0.09
0.39
-90.0
-114.3
-135.3
-155.6
8.5
-112.78
3.50
13.01 1170.9 1162.5 1157.0 5.30
5.40
5.31 23.16 -26.9
-45.0
-47.0
0.09
0.14
-90.1
-114.7
-135.6
-155.9
10.0
-114.35
4.00
12.95 1177.3 1169.0 1163.5 5.30
5.40
5.30 23.19 -27.0
-44.9
-47.3
0.08
0.38
-89.8
-114.5
-135.3
-155.5
20.8
-121.22
4.50
12.89 1183.8 1175.5 1170.0 5.30
5.40
5.29 23.23 -27.3
-44.4
-47.6
0.07
0.66
-87.9
-114.8
-135.8
-155.5
35.5
-125.66
5.00
12.79 1190.2 1181.9 1176.5 5.30
5.38
5.29 23.27 -27.6
-44.6
-47.6
0.06
0.86
-90.1
-114.9
-135.6
-156.1
60.7
-129.66
5.50
12.69 1196.6 1188.3 1182.9 5.30
5.37
5.27 23.31 -28.0
-44.6
-47.4
0.05
0.97
-88.1
-114.5
-135.3
-155.6
85.2
-133.79
6.00
12.57 1202.9 1194.7 1189.3 5.31
5.36
5.27 23.35 -28.6
-44.1
-48.4
0.05
0.98
-88.5
-114.5
-135.4
-155.4
100.0
-134.80
6.50
12.46 1209.1 1201.0 1195.6 5.31
5.36
5.25 23.39 -29.1
-43.7
-48.4
0.04
0.92
-88.3
-114.0
-135.1
-154.1
142.9
-138.15
7.00
12.36 1215.3 1207.2 1201.8 5.31
5.35
5.25 23.43 -29.4
-43.7
-48.4
0.03
0.79
-89.3
-114.1
-135.3
-155.2
167.8
-139.45
8.00
12.09 1227.5 1219.5 1214.1 5.32
5.34
5.23 23.51 -30.1
-43.5
-48.6
0.00
0.34
-88.2
-114.3
-135.2
-155.2
200.6
-140.91
8.50
11.94 1233.6 1225.5 1220.2 5.33
5.33
5.22 23.54 -30.2
-43.2
-49.5
0.02
0.08
-88.3
-113.8
-135.1
-154.7
281.6
-143.87
9.00
11.78 1239.5 1231.5 1226.2 5.33
5.33
5.22 23.58 -30.4
-42.7
-49.6
0.04
0.27
-89.0
-114.3
-135.0
-155.5
330.7
-145.35
9.50
11.60 1245.4 1237.4 1232.1 5.32
5.33
5.22 23.63 -30.7
-42.6
-49.4
0.08
0.52
-87.9
-113.9
-135.2
-155.5
464.2
-148.26
10.00 11.38 1251.2 1243.2 1237.9 5.30
5.31
5.21 23.68 -31.0
-42.5
-49.8
0.12
0.71
-89.1
-113.6
-135.2
-155.3
554.9
-149.59
11.00 10.82 1262.3 1254.4 1249.2 5.31
5.28
5.17 23.77 -31.9
-42.1
-50.3
0.21
0.98
-88.7
-114.1
-134.7
-155.0
914.6
-153.72
12.00 10.16 1273.0 1265.1 1259.8 5.31
5.28
5.17 23.86 -32.5
-41.7
-50.5
0.29
1.00
-89.1
-114.4
-135.1
-154.9
1000.0
-154.06



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com