công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS134 bảng dữ liệu(PDF) 3 Page - Lumileds Lighting Company

tên linh kiện DS134
Giải thích chi tiết về linh kiện  Extreme flux density in a micro footprint package for precise optical control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMILEDS [Lumileds Lighting Company]
Trang chủ  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS134 bảng dữ liệu(HTML) 3 Page - Lumileds Lighting Company

  DS134 Datasheet HTML 1Page - Lumileds Lighting Company DS134 Datasheet HTML 2Page - Lumileds Lighting Company DS134 Datasheet HTML 3Page - Lumileds Lighting Company DS134 Datasheet HTML 4Page - Lumileds Lighting Company DS134 Datasheet HTML 5Page - Lumileds Lighting Company DS134 Datasheet HTML 6Page - Lumileds Lighting Company DS134 Datasheet HTML 7Page - Lumileds Lighting Company DS134 Datasheet HTML 8Page - Lumileds Lighting Company DS134 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS134 LUXEON Z ES Product Datasheet 20180314 ©2018 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON Z ES LEDs are tested and binned with a DC drive current of 700mA at a junction temperature, T
j, of 85°C.
Part Number Nomenclature
Part numbers for LUXEON Z ES follow the convention below:
L X Z
A – B C D E – F
Where:
A
designates voltage (2=3V)
B C
designates nominal ANSI CCT or color (22=2200K, 27=2700K, 30=3000K, 35=3500K, 40=4000K,
50=5000K, 57=5700K, 65=6500K, PR=Royal Blue)
D E
designates minimum CRI (70=70CRI, 7T=70CRI Typical, 80=80CRI, 90=90CRI, 02=Royal Blue)
F
designates white color space definition (3=3 SDCM and 5=5 SDCM, not used for Royal Blue)
Therefore, the following part number is used for a LUXEON Z ES White 3V, 3000K 80CRI, which is binned within a 3-step
MacAdam ellipse:
L X Z
2 – 3 0 8 0 – 3
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON Z ES is
compliant to the European Union directives on the restriction of hazardous substances in electronic equipment, namely the
RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the following restricted
materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com