công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS3152 bảng dữ liệu(PDF) 46 Page - Dallas Semiconductor

tên linh kiện DS3152
Giải thích chi tiết về linh kiện  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3152 bảng dữ liệu(HTML) 46 Page - Dallas Semiconductor

Back Button DS3152 Datasheet HTML 42Page - Dallas Semiconductor DS3152 Datasheet HTML 43Page - Dallas Semiconductor DS3152 Datasheet HTML 44Page - Dallas Semiconductor DS3152 Datasheet HTML 45Page - Dallas Semiconductor DS3152 Datasheet HTML 46Page - Dallas Semiconductor DS3152 Datasheet HTML 47Page - Dallas Semiconductor DS3152 Datasheet HTML 48Page - Dallas Semiconductor DS3152 Datasheet HTML 49Page - Dallas Semiconductor DS3152 Datasheet HTML 50Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
46 of 60
14.
PIN ASSIGNMENTS
Table 14-A lists pin assignments sorted by signal name. Table 14-B lists pin assignments sorted by pin number.
DS3154 has all four LIUs. DS3153 has only LIUs 1, 2, and 3. DS3152 has only LIUs 1 and 2. DS3151 has only LIU
1. Figure 14-1 through Figure 14-8 show pinouts for the four devices in both hardware and CPU bus modes.
Table 14-A. Pin Assignments Sorted by Signal Name
PIN
NAME
HARDWARE
MODE
CPU BUS
MODE
LIU 1
LIU 2
LIU 3
LIU 4
A[0]
N
Y
K6
A[1]
N
Y
L6
A[2]
N
Y
K7
A[3]
N
Y
L7
A[4]
N
Y
K8
A[5]
N
Y
L8
ALE
N
Y
C7
CS
N
Y
B7
D[0]
N
Y
E3
D[1]
N
Y
F2
D[2]
N
Y
F3
D[3]
N
Y
G2
D[4]
N
Y
G3
D[5]
N
Y
H2
D[6]
N
Y
H3
D[7]
N
Y
J3
E3MCLK
Y
Y
E12
E3Mn
Y
N
F3
G10
C7
K6
HIZ
Y
Y
J8
HW
Y
Y
E9
INT
N
Y
C5
JTCLK
Y
Y
E4
JTDI
Y
Y
H4
JTDO
Y
Y
J4
JTMS
Y
Y
D5
JTRST
Y
Y
D4
LLBn
Y
N
B5
L8
E11
H2
MOT
N
Y
C6
PRBSn
Y
Y
B1
L12
A11
M2
RBIN
Y
N
D9
RCINV
Y
N
J9
RCLKn
Y
Y
C1
K12
A10
M3
RD
N
Y
B6
RJAn
Y
N
B4
L9
D11
J2
RLBn
Y
N
C5
K8
E10
H3
RLOSn
Y
Y
A1
M12
A12
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60