công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C4SMT-RJS-CU14QBB2 bảng dữ liệu(PDF) 9 Page - Cree, Inc

tên linh kiện C4SMT-RJS-CU14QBB2
Giải thích chi tiết về linh kiện  Electronic Signs & Signals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREE [Cree, Inc]
Trang chủ  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMT-RJS-CU14QBB2 bảng dữ liệu(HTML) 9 Page - Cree, Inc

  C4SMT-RJS-CU14QBB2 Datasheet HTML 1Page - Cree, Inc C4SMT-RJS-CU14QBB2 Datasheet HTML 2Page - Cree, Inc C4SMT-RJS-CU14QBB2 Datasheet HTML 3Page - Cree, Inc C4SMT-RJS-CU14QBB2 Datasheet HTML 4Page - Cree, Inc C4SMT-RJS-CU14QBB2 Datasheet HTML 5Page - Cree, Inc C4SMT-RJS-CU14QBB2 Datasheet HTML 6Page - Cree, Inc C4SMT-RJS-CU14QBB2 Datasheet HTML 7Page - Cree, Inc C4SMT-RJS-CU14QBB2 Datasheet HTML 8Page - Cree, Inc C4SMT-RJS-CU14QBB2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
9
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
9
Cree 4-mm Oval LED
C4SMT-RJS/GJS/BJS
PACKAGING
Features:
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
The boxes are not water resistant, and they must be kept away from water and moisture.
The Bulk Pack types of packaging.
Max 1000 pcs per bulk and Max 3000 pcs per ammo.
Bulk Pack Packaging Type:
Ammo Pack Packaging Type:
10 bags/carton
Label


A XXXXXXXXXXX
(anti-electrostatic
bag)






xxx xxx











Html Pages

1 2 3 4 5 6 7 8 9