| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C4SMT-RJS bảng dữ liệu(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMT-RJS bảng dữ liệu(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMT-RJS/GJS/BJS ORDER CODE TABLE* C4SMT Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMT-RJS-CS0V0BB1 770 3000 RB 619 RB 624 Bulk Red C4SMT-RJS-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk Red C4SMT-RJS-CT34QBB1 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Bulk Red C4SMT-RJS-CU14QBB1 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Bulk Red C4SMT-RJS-CU34QBB1 Any 4 consecutive sub-bins: U3 (1824) - V4 (3000) RB 619 RB 624 Bulk Red C4SMT-RJS-CS0V0BB2 770 3000 RB 619 RB 624 Ammo Red C4SMT-RJS-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo Red C4SMT-RJS-CT34QBB2 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Ammo Red C4SMT-RJS-CU14QBB2 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Ammo Red C4SMT-RJS-CU34QBB2 Any 4 consecutive sub-bins: U3 (1824) - V4 (3000) RB 619 RB 624 Ammo Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMT-GJS-CU0X0791 1520 5860 G7 520 G9 535 Bulk Green C4SMT-GJS-CV24Q7S1 Any 4 consecutive sub-bins: V2 (2347) - W3 (3885) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMT-GJS-CV24Q7T1 Any 4 consecutive sub-bins: V2 (2347) - W3 (3885) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMT-GJS-CV44Q7S1 Any 4 consecutive sub-bins: V4 (2781) - X1 (4600) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMT-GJS-CV44Q7T1 Any 4 consecutive sub-bins: V4 (2781) - X1 (4600) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMT-GJS-CW24Q7S1 Any 4 consecutive sub-bins: W2 (3295) - X3 (5440) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMT-GJS-CW24Q7T1 Any 4 consecutive sub-bins: W2 (3295) - X3 (5440) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMT-GJS-CU0X0792 1520 5860 G7 520 G9 535 Ammo Green C4SMT-GJS-CV24Q7S2 Any 4 consecutive sub-bins: V2 (2347) - W3 (3885) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMT-GJS-CV24Q7T2 Any 4 consecutive sub-bins: V2 (2347) - W3 (3885) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMT-GJS-CV44Q7S2 Any 4 consecutive sub-bins: V4 (2781) - X1 (4600) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMT-GJS-CV44Q7T2 Any 4 consecutive sub-bins: V4 (2781) - X1 (4600) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMT-GJS-CW24Q7S2 Any 4 consecutive sub-bins: W2 (3295) - X3 (5440) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMT-GJS-CW24Q7T2 Any 4 consecutive sub-bins: W2 (3295) - X3 (5440) Any 1 color bin from G7 (520) to G8 (530) Ammo |