công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS123 bảng dữ liệu(PDF) 2 Page - Lumileds Lighting Company

tên linh kiện CS123
Giải thích chi tiết về linh kiện  Selfridges Windows Entice Like Never Before With Dynamic Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMILEDS [Lumileds Lighting Company]
Trang chủ  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS123 bảng dữ liệu(HTML) 2 Page - Lumileds Lighting Company

  CS123 Datasheet HTML 1Page - Lumileds Lighting Company CS123 Datasheet HTML 2Page - Lumileds Lighting Company CS123 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS123 Invisua Case Study 20160609 ©2016 Lumileds Holding B.V. All rights reserved.
2
The Masterspot 2 spotlights are ideally suited to this project
due to their ability to produce high luminous intensity of
35,000 candelas (3200+ lumens) with outstanding color
rendering (CRI = 95, R9>90) and an adjustable beam
angle of 12-24°. Invisua uses white, red, green and blue
LUXEON Z High Power LEDs from Lumileds because they
deliver exceptional color consistency, high flux density as well
as superior beam angles due to the very small emitter size.
The emitters produce every color from all shades of white
light along the blackbody locus to the most saturated RGB
colors. Using between four and eight spotlights per window,
some Masterspot 2 spotlights are dedicated to tunable white
light while others provide colored, dynamic light as required
by the light show.
Results and Benefits
Selfridges window displays have a lot of action taking place in
a small space of only 5 x 2.5 meters, so the ability to adjust
beam angle of the spotlights is important and it is a feature
not commonly offered on competing products. In this small
space, there may be dozens of people working to assemble
the window displays at once. Having a lighting system in place
that will not change with each display installation greatly
simplifies the overall process.
The intuitive web app allows for quick and easy setup and
light scene design. A light scene previewer allows planning
and comparison of scenes. Feedback from viewers of the new
dynamic lighting approach has been overwhelmingly positive.
People see the dynamic lighting as portraying a more modern
aesthetic. With dynamic lighting, the spotlights can also be
programmed to tell the story of what is taking place in the
window, to match the scenery outside the windows, or to
switch between the two. Dynamic lighting gives the creative
team at Selfridges a creative “knob” that they did not have
with static lighting.
“The window displays and lighting
typically are changed every three
months. But now with a flexible LED
lighting system capable of dynamic
lighting effects and wireless control,
only the lighting programs change,
which greatly simplifies matters..“
— Matthijs Keuper, CEO and Founder
Invisua Lighting



Html Pages

1 2 3