| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AB209 bảng dữ liệu(PDF) 10 Page - Lumileds Lighting Company |
|
|
|||||||||||||||||||||||||||||
AB209 bảng dữ liệu(HTML) 10 Page - Lumileds Lighting Company |
|
10 / 11 page ![]() AB209 LUXEON 3020 Application Brief 20170307 ©2017 Lumileds Holding B.V. All rights reserved. 10 Table 4 provides a list of commonly used chemicals that should be avoided as they may react with the silicone material. Note that Lumileds does not warrant that this list is exhaustive since it is impossible to determine all chemicals that may affect LED performance. The chemicals in Table 4 are typically not directly used in the final products that are built around LUXEON emitters. However, some of these chemicals may be used in intermediate manufacturing steps (e.g. cleaning agents). Consequently, trace amounts of these chemicals may remain on (sub) components, such heat sinks. Lumileds, therefore, recommends the following precautions when designing your application: – When designing secondary lenses to be used over an LED, provide a sufficiently large air-pocket and allow for “ventilation” of this air away from the immediate vicinity of the LED. – Use mechanical means of attaching lenses and circuit boards as much as possible. When using adhesives, potting compounds and coatings, carefully analyze its material composition and do thorough testing of the entire fixture under High Temperature over Life (HTOL) conditions. Table 4. List of commonly used chemicals that will damage the silicone of the LUXEON emitter. Avoid using any of these chemicals in the housing that contains the LED package. cHEMIcAL NAME NORMALLy UsED As Hydrochloric acid Acid Sulfuric acid Acid Nitric acid Acid Acetic acid Acid Sodium hydroxide Alkali Potassium hydroxide Alkali Ammonia Alkali MEK (Methyl Ethyl Ketone) Solvent MIBK (Methyl Isobutyl Ketone) Solvent Toluene Solvent Xylene Solvent Benzene Solvent Gasoline Solvent Mineral spirits Solvent Dichloromethane Solvent Tetracholorometane Solvent Castor oil Oil Lard Oil Linseed oil Oil Petroleum Oil Silicone oil Oil Halogenated hydrocarbons (containing F, Cl, Br elements) Misc Rosin flux Solder flux Acrylic tape Adhesive RoHS COMPLIANT No. E352519 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |