| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSM121C bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM121C bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 12 page ![]() TSM121 10/12 When the Error Amplifier output (FB) is low, the C1 / C2 outputs duty cycle is high. When the Error Amplifier output (FB) is high, the C1 / C2 outputs duty cycle is low. When the Soft Start input (SS/DTC) is low, the C1 / C2 outputs duty cycle is high. When the Soft Start input (SS/DTC) is high, the C1 / C2 outputs duty cycle is low. Figure 4 : OSCILLATOR CK D Q !Q C1 C2 PWM GENERATOR FAULT FB OSC SS PWM SSDTC CK A B OSC SS FB PWM SSDTC CK Q !Q A B C1 C2 OSC SS FB C1 C2 |