| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4729G bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4729G bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG |
|
5 / 27 page ![]() TLE 4729 G Data Sheet 5 2001-04-09 Absolute Maximum Ratings Tj = – 40 to 150 °C Parameter Symbol Limit Values Unit Remarks min. max. Supply voltage VS – 0.3 45 V – Error outputs VErr IErr – 0.3 – 45 3 V mA – – Output current IQ – 11 A – Ground current IGND – 2 – A – Logic inputs VIXX – 15 15 V IXX; Phase 1, 2 Oscillator voltage VOSC – 0.3 6 V – R1, R2 input voltage VRX – 0.3 5 V – Junction temperature Tj – 40 150 °C Storage temperature Tstg – 50 150 °C – Thermal resistances Junction-ambient Junction-ambient (soldered on a 35 µm thick 20 cm2 PC board copper area) Junction-case Rth ja Rth ja Rth jc – – – 75 50 15 K/W K/W K/W – – Measured on pin 5 Operating Range Supply voltage VS 516 V – Case temperature TC – 40 110 °C Measured on pin 5 Pdiss = 2 W Output current IQ – 800 800 mA – Logic inputs VIXX – 5+ 6 V IXX; Phase 1, 2 Error outputs VErr IErr – 0 25 1 V mA – – |