| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95080-RBN3T bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-RBN3T bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 40 page ![]() 5/40 M95160, M95080 SUMMARY DESCRIPTION These electrically erasable programmable memo- ry (EEPROM) devices are accessed by a high speed SPI-compatible bus. The memory array is organized as 2048 x 8 bit (M95160), and 1024 x 8 bit (M95080). The device is accessed by a simple serial interface that is SPI-compatible. The bus signals are C, D and Q, as shown in Table 2. and Figure 2.. The device is selected when Chip Select (S) is tak- en Low. Communications with the device can be interrupted using Hold (HOLD). Figure 2. Logic Diagram Figure 3. DIP, SO, TSSOP and MLP Connections (Top View) Note: See PACKAGE MECHANICAL section for package dimen- sions, and how to identify pin-1. Table 2. Signal Names AI01789C S VCC M95xxx HOLD VSS W Q C D C Serial Clock D Serial Data Input Q Serial Data Output S Chip Select W Write Protect HOLD Hold VCC Supply Voltage VSS Ground D VSS C HOLD Q SVCC W AI01790D M95xxx 1 2 3 4 8 7 6 5 |