| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5802-DS03-R bảng dữ liệu(PDF) 28 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5802-DS03-R bảng dữ liệu(HTML) 28 Page - Broadcom Corporation. |
|
28 / 50 page ![]() ■ BCM5802 Production Specification 07/03/02 B roa dcom Co rpo rat ion Page 20 Memory Structures Document 5802-DS03-405-R Master Command Record. This structure is used to hand off a number of packets to the chip for processing. The structure is variable-length, and contains up to 216-1 sets of fields where each field describes one packet. This degree of flexibility allows the host CPU to queue up any number of packets, and to initiate hardware processing of all queued up packets via a single PCI write. Table 5: Master Command Record MSB LSB 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Flags # Packets in this MCR Command context address for 1st packet firstPktCMDAddr Data Buffer Address dataAddr for 1st packet Next entry in linked list of data buffers for 1st packet next Reserved Data buffer length dataLen 1st pkt Length for 1st packet pktLength Reserved Output Buffer Address dataAddr for 1st packet Next entry in linked list of Output buffers for 1st packet next Reserved Output buffer length dataLen 1st pkt Command context address for 2nd to Nth packet pktCMDAddr Data Buffer Address dataAddr for 2nd to Nth packet Next entry in linked list of data buffers for 2nd to Nth packet next Reserved Data buffer length dataLen 2-Nth pkt Length for 2-Nth packet pktLength Reserved Output Buffer Address dataAddr for 2-Nth packet Next entry in linked list of Output buffers for 2-Nth packet next Reserved Output buf length dataLen 2-Nth pkt |