| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5220-DS03-R bảng dữ liệu(PDF) 32 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5220-DS03-R bảng dữ liệu(HTML) 32 Page - Broadcom Corporation. |
|
32 / 90 page ![]() BCM5220 Preliminary Data Sheet 04/20/04 Broa d c om Co rp o r a t i o n Page 20 Media Independent Interface (MII) Management Interface: Register Programming Document 5220-DS04-405-R MII REGISTER MAP SUMMARY Table 7 contains the MII register summary for the BCM5220. The register addresses are specified in hex form, and the name of register bits have been abbreviated. When writing to any register, preserve existing values of the reserved bits by completing a “Read/Modify Write.” Ignore reserved bits when reading registers. Never write to an undefined register. The reset values of the registers are shown in the INIT column. Some of these values could be different depending on how the device is configured and also depending on the device revision value. |