công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5520-DS04-405-R bảng dữ liệu(PDF) 16 Page - Broadcom Corporation.

tên linh kiện 5520-DS04-405-R
Giải thích chi tiết về linh kiện  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R bảng dữ liệu(HTML) 16 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 12Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 13Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 14Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 15Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 16Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 17Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 18Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 19Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 20Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 4
Multimode Transmit DAC
Document
5220-DS04-405-R
BASELINE WANDER CORRECTION
A 100BASE-TX data stream is not always DC balanced. Because the receive signal must pass through a transformer, the
DC offset of the differential receive input can wander. This effect, known as baseline wander, can greatly reduce the noise
immunity of the receiver. The BCM5220 automatically compensates for baseline wander by removing the DC offset from the
input signal, and thereby significantly reduces the chance of a receive symbol error.
The baseline wander correction circuit is not required, and therefore is bypassed, in 10BASE-T and 100BASE-FX operating
modes.
MULTIMODE TRANSMIT DAC
The multimode transmit digital-to-analog converter (DAC) transmits MLT3-coded symbols in 100BASE-TX mode, NRZI-
coded symbols in 100BASE-FX mode, and Manchester-coded symbols in 10BASE-T mode. It allows programmable edge-
rate control in TX mode, which decreases unwanted high frequency signal components, thus reducing EMI. High-frequency
pre-emphasis is performed in 10BASE-T mode; no filtering is performed in 100BASE-FX mode. The transmit DAC utilizes a
current drive output, which is well balanced and produces very low noise transmit signals. PECL voltage levels are produced
with resistive terminations in 100BASE-FX mode.
STREAM CIPHER
In 100BASE-TX mode, the transmit data stream is scrambled to reduce radiated emissions on the twisted-pair cable. The
data is scrambled by exclusive ORing the NRZ signal with the output of an 11-bit-wide linear feedback shift register (LFSR),
which produces a 2047-bit non-repeating sequence. The scrambler reduces peak emissions by randomly spreading the
signal energy over the transmit frequency range and eliminating peaks at certain frequencies.
The receiver descrambles the incoming data stream by exclusive ORing it with the same sequence generated at the
transmitter. The descrambler detects the state of the transmit LFSR by looking for a sequence representing consecutive idle
codes. The descrambler locks to the scrambler state after detecting a sufficient number of consecutive idle code-groups.
The receiver does not attempt to decode the data stream unless the descrambler is locked. When locked, the descrambler
continuously monitors the data stream to make sure that it has not lost synchronization. The receive data stream is expected
to contain inter-packet idle periods. If the descrambler does not detect enough idle codes within 724
µs, it becomes unlocked,
and the receive decoder is disabled. The descrambler is always forced into the unlocked state when a link failure condition
is detected.
A special node called High Speed Token Ring can be enabled. It increases the scrambler timeout from 724
µs to 5816 µs,
thus allowing frames as large as the Token Ring maximum length to be received without error.
Stream cipher scrambling/descrambling is not used in 100BASE-FX and 10BASE-T modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com