công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F525LSDPMC bảng dữ liệu(PDF) 278 Page - Cypress Semiconductor

tên linh kiện MB91F525LSDPMC
Giải thích chi tiết về linh kiện  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LSDPMC bảng dữ liệu(HTML) 278 Page - Cypress Semiconductor

Back Button MB91F525LSDPMC Datasheet HTML 272Page - Cypress Semiconductor MB91F525LSDPMC Datasheet HTML 273Page - Cypress Semiconductor MB91F525LSDPMC Datasheet HTML 274Page - Cypress Semiconductor MB91F525LSDPMC Datasheet HTML 275Page - Cypress Semiconductor MB91F525LSDPMC Datasheet HTML 276Page - Cypress Semiconductor MB91F525LSDPMC Datasheet HTML 277Page - Cypress Semiconductor MB91F525LSDPMC Datasheet HTML 278Page - Cypress Semiconductor MB91F525LSDPMC Datasheet HTML 279Page - Cypress Semiconductor MB91F525LSDPMC Datasheet HTML 280Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 278 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 278 of 280
MB91520 Series
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
Value: Min 3tCPP+0
Max 3tCPP+50
↓
Pin name: SCK1,SCK2,SCK5 to SCK11
SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to SCS11
Value: Min 3tCPP-10
Max 3tCPP+50
Pin name: SCK3,SCK4
SCS3,SCS40 to SCS43
Value: Min 3tCPP-300 Max 3tCPP+50
Added the following description.
Regardless of the deselect time setting, once after the serial chip select pin becomes
inactive, it will take at least five peripheral bus clock cycles to be active again
Electrical Characteristics
5.A/D Converter
(1) 12-bit A/D Converter Electrical Characteristics:
Added the value of "Total error".
Total error value Min
– Typ – Max ±12 LSB
Corrected the value of "Zero transition voltage".
Min AVRL+0.5LSB-20mV
Max AVRL+0.5LSB+20mV
↓
Min AVRL-11.5LSB Max AVRL+12.5LSB
Corrected the value of "Full-scale transition voltage".
Min AVRH-1.5LSB-20mV
Max AVRH-1.5LSB+20mV
↓
Min AVRH-13.5LSB Max AVRH+10.5LSB
Added the following description.
Parameter : Power supply current IA AVCC*3
*3: The power supply current described only current value on A/D converter. The total
AVcc current value must be calculated the power supply current for A/D converter and
D/A converter.
Electrical Characteristics
7.D/A Converter:
Added the following description.
Parameter : Power supply current *1
*1: The power supply current described only current value on D/A converter.The total
Avcc current value must be calculated the power supply current for D/A converter and
A/D converter.
Electrical Characteristics
6.Flash memory:
Parameter: Erase cycle*2/Data retain time
Deleted the following description.
Remarks :
"Temperature at writing/erasing Tj<+105°C"
Electrical Characteristics
7.D/A Converter:
Corrected the following description.
Parameter : Power supply current
Symbol IA Pin name AVCC
Symbol IAH Pin name AVCC
↓
Symbol IA Pin name AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com