| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F525LSDPMC bảng dữ liệu(PDF) 23 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525LSDPMC bảng dữ liệu(HTML) 23 Page - Cypress Semiconductor |
|
23 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 23 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 16 *1 19 *1 24 *1 29 *1 34 42 P053 - B General-purpose I/O port A21 *2, *3, *4, *5 - External bus/Address bit21 output AN44 - ADC analog 44 input PPG35_0 - PPG ch.35 output (0) INT14_1 - INT14 External interrupt input (1) SCK0_1 - Multi-function serial ch.0 clock I/O (1) - - - - 35 43 P054 - A General-purpose I/O port SYSCLK - External bus/System clock output PPG36_0 - PPG ch.36 output (0) 17 *1 22 *1 27 *1 32 *1 38 46 P055 - G General-purpose I/O port CS2X *2, *3, *4, *5 - External bus chip select 2 output SIN10_0 - Multi-function serial ch.10 serial data input (0) AN43 - ADC analog 43 input PPG37_0 - PPG ch.37 output (0) TIN4_1 - Reload timer ch.4 event input (1) - - - - - 47 P180 - A General-purpose I/O port PPG40_0 - PPG ch.40 output (0) - - - - - 48 P181 - A General-purpose I/O port PPG41_0 - PPG ch.41 output (0) - - - 33 *1 39 49 P056 - A General-purpose I/O port CS3X *5 - External bus chip select 3 output ICU9_0 - Input capture ch.9 input (0) PPG0_1 - PPG ch.0 output (1) ICU0_1 - Input capture ch.0 input (1) TIN5_1 - Reload timer ch.5 event input (1) DTTI_2 - Waveform generator ch.0-ch.5 input pin (2) 19 *1 24 *1 29 *1 35 *1 41 51 P057 - G General-purpose I/O port RDY *2, *3, *4, *5 - External bus/Ready input (0) SCK10_1 - Multi-function serial ch.10 clock I/O (1) AN42 - ADC analog 42 input ICU8_0 - Input capture ch.8 input (0) TRG0_2 - PPG trigger 0 input (2) PPG1_1 - PPG ch.1 output (1) ICU1_1 - Input capture ch.1 input (1) TIN6_1 - Reload timer ch.6 event input (1) - - - - 44 54 P142 - F General-purpose I/O port SCK10_0/ SCL10 - Multi-function serial ch.10 clock I/O (0)/ I2C bus serial clock I/O PPG38_0 - PPG ch.38 output (0) TIN7_1 - Reload timer ch.7 event input (1) |