công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F525BKBPMC1 bảng dữ liệu(PDF) 271 Page - Cypress Semiconductor

tên linh kiện MB91F525BKBPMC1
Giải thích chi tiết về linh kiện  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525BKBPMC1 bảng dữ liệu(HTML) 271 Page - Cypress Semiconductor

Back Button MB91F525BKBPMC1 Datasheet HTML 267Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 268Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 269Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 270Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 271Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 272Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 273Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 274Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 275Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 271 of 280
MB91520 Series
Page
Section
Change Results
46
■During Power-on
The following sentence modified as following:
(Error)
To prevent a malfunction of the voltage step-down circuit built in the device, the
voltage rising must be monotonic increasing during power-on.
Power-on prohibits that the voltage goes up and down and voltage rising stops
temporarily.
(Correct)
To prevent a malfunction of the voltage step-down circuit built in the device, the
voltage rising must be monotonic during power-on.
142,143
11. Electrical Characteristics
Recommended operating
conditions
The following sentence modified as following:
(Error)
*1: When it is used outside recommended operation guarantee range (range of
the operation guarantee), contact your sales representative. Moreover,
minimum value with an effective external low-voltage detection reset
becomes a voltage until generating low-voltage detection reset.
(Correct)
*1: When it is used outside recommended operation guarantee range (range of
the operation guarantee), contact your sales representative.
Detection voltage of the external low voltage detection reset (initial) is
2.8V±8% (2.576V to 3.024V).
This detection voltage (2.576V) is below the minimum operation guarantee
voltage (2.7V).
Between this detection voltage and the minimum operation guarantee
voltage,
MCU functions are not guaranteed except for the low voltage detector.
Note that although the detection level is below the minimum operation
guarantee voltage,
the LVD reset factor flag is set as the voltage drops below the detection level.
156, 157
11. Electrical Characteristics
AC Characteristics
Added (3-2) Power-on Conditions for MB91F52xxxE
184
11. Electrical Characteristics
AC Characteristics
(4-4) I2C timing
The following sentence modified as following:
(Error)
High-speed
mode*3
Unit
Remarks
Min
Max
Notes: Only ch.3 and ch.4 are standard mode/high-speed mode
correspondence.
*3: A high-speed mode I2C bus device can be used
(Correct)
Fast mode*3
Unit
Remarks
Min
Max
Notes: Only ch.3 and ch.4 are standard mode/fast mode correspondence.
*3: A fast mode I2C bus device can be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com