công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F525BKBPMC1 bảng dữ liệu(PDF) 269 Page - Cypress Semiconductor

tên linh kiện MB91F525BKBPMC1
Giải thích chi tiết về linh kiện  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525BKBPMC1 bảng dữ liệu(HTML) 269 Page - Cypress Semiconductor

Back Button MB91F525BKBPMC1 Datasheet HTML 265Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 266Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 267Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 268Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 269Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 270Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 271Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 272Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 273Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 269 of 280
MB91520 Series
Page
Section
Change Results
155
■Electrical Characteristics
AC Characteristics
(2) Reset Input
Added the At power-on*2 condition to the remarks in Reset input time.
156
■Electrical Characteristics
AC Characteristics
(3) Power-on Conditions
Deleted the Slope detection undetected specification.
Added the Power ramp rate and C pin voltage at Power-on.
*1, *2: Changed the sentence.
Added *3, *4, Note, Figure at the Power off time, Power ramp rate, C pin voltage
at Power-on.
6 to 11,
203 to
216
■Product lineup
■Ordering information
Package description modified to JEDEC description.
47
■During Power-on
The following sentence modified as fdeleted from Interrupt
(Error)
To prevent a malfunction of the voltage step-down circuit built in the device, set
the voltage rising time to
have 50μs or longer (between 0.2V and 2.7V) during
power-on.
(Correct)
To prevent a malfunction of the voltage step-down circuit built in the device, the
voltage rising must be monotonic increasing during power-on.
Power-on prohibits that the voltage goes up and down and voltage rising stops
temporarily.
49, 50
■Block Diagram
The following Block diagram modified as follows:
●MB91F522B, MB91F523B, MB91F524B, MB91F525B, MB91F526B
●MB91F522D, MB91F523D, MB91F524D, MB91F525D, MB91F526D
(Error)
CAN (2ch).
(Correct)
CAN (3ch)
217 to
220
■Ordering Information
Added the following description.
■ORDERING INFORMATION MB91F52xxxD
221 to
227
■Package Dimensions
Package Dimensions modified to JEDEC description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com