| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F525DKBPMC bảng dữ liệu(PDF) 28 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525DKBPMC bảng dữ liệu(HTML) 28 Page - Cypress Semiconductor |
|
28 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 28 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 34 *1 42 *1 52 62 77 96 P093 - J General-purpose I/O port TX0_1 - CAN transmission data 0 output (1) SIN11_0 - Multi-function serial ch.11 serial data input (0) AN7 - ADC analog 7 input ICU4_2 - Input capture ch.4 input (2) PPG16_1 - PPG ch.16 output (1) ICU3_0 - Input capture ch.3 input (0) TOT2_1 *2, *3 - Reload timer ch.2 output (1) - - - - 78 97 P094 - B General-purpose I/O port AN8 - ADC analog 8 input ICU4_0 - Input capture ch.4 input (0) TOT3_1 - Reload timer ch.3 output (1) - - 53 63 79 98 P095 - B General-purpose I/O port TX0(128) - CAN transmission data 0 output SCS11_0 - Serial chip select 11 I/O (0) AN9 - ADC analog 9 input 35 43 54 64 80 99 P096 - G General-purpose I/O port RX0(128) - CAN reception data 0 input SOT11_0/ SDA11 - Multi-function serial ch.11 serial data output (0)/I2C bus serial data I/O AN10 - ADC analog 10 input INT0_0 - INT0 External interrupt input (0) 36 44 55 65 81 100 P097 - G General-purpose I/O port SCK11_0/ SCL11 - Multi-function serial ch.11 clock I/O (0)/ I2C bus serial clock I/O AN11 - ADC analog 11 input ICU5_0 - Input capture ch.5 input (0) PPG17_1 - PPG ch.17 output (1) - 48 *1 59 69 85 104 P100 - G General-purpose I/O port SCK7_0/ SCL7 *3 - Multi-function serial ch.7 clock I/O (0)/ I2C bus serial clock I/O AN12 - ADC analog 12 input PPG8_0 - PPG ch.8 output (0) - - 60 70 86 105 P101 - G General-purpose I/O port SOT7_0/ SDA7 - Multi-function serial ch.7 serial data output (0)/I2C bus serial data I/O AN13 - ADC analog 13 input PPG9_0 - PPG ch.9 output (0) 40 *1 49 *1 61 71 87 106 P102 - G General-purpose I/O port SIN7_0 *2, *3 - Multi-function serial ch.7 serial data input (0) AN14 - ADC analog 14 input PPG10_0 - PPG ch.10 output (0) INT10_0 - INT10 External interrupt input (0) |