công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F525DKBPMC bảng dữ liệu(PDF) 277 Page - Cypress Semiconductor

tên linh kiện MB91F525DKBPMC
Giải thích chi tiết về linh kiện  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DKBPMC bảng dữ liệu(HTML) 277 Page - Cypress Semiconductor

Back Button MB91F525DKBPMC Datasheet HTML 272Page - Cypress Semiconductor MB91F525DKBPMC Datasheet HTML 273Page - Cypress Semiconductor MB91F525DKBPMC Datasheet HTML 274Page - Cypress Semiconductor MB91F525DKBPMC Datasheet HTML 275Page - Cypress Semiconductor MB91F525DKBPMC Datasheet HTML 276Page - Cypress Semiconductor MB91F525DKBPMC Datasheet HTML 277Page - Cypress Semiconductor MB91F525DKBPMC Datasheet HTML 278Page - Cypress Semiconductor MB91F525DKBPMC Datasheet HTML 279Page - Cypress Semiconductor MB91F525DKBPMC Datasheet HTML 280Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 277 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 277 of 280
MB91520 Series
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
Value: Min - Max 5
(4-1-
5)SCS↓⇒SCK↓ setup time t
CSSI
(4-1-
6)SCS↓⇒SCK↑ setup time t
CSSI
(4-1-
7)SCS↑⇒SCK↓ setup time t
CSSI
(4-1-
8)SCS↑⇒SCK↑ setup time t
CSSI
Corrected the following description.
Pin name: SCK1 to SCK11
SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to
SCS73,SCS8 to SCS11
Value: Min tCSSU+0
Max tCSSU+50
↓
Pin name: SCK1,SCK2,SCK5 to SCK11
SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to SCS11
Value: Min tCSSU-50
Max tCSSU+0
Pin name: SCK3,SCK4
SCS3,SCS40 to SCS43
Value: Min tCSSU-50 Max tCSSU+300
(4-1-
5)SCK↑⇒SCS↑hold time t
CSHI
(4-1-
6)SCK↓⇒SCS↑hold time t
CSHI
(4-1-
7)SCK↑⇒SCS↓hold time t
CSHI
(4-1-
8)SCK↓⇒SCS↓hold time t
CSHI
Corrected the following description.
Pin name: SCK1 to SCK11
SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to
SCS73,SCS8 to SCS11
Value: Min tCSHD-50
Max tCSHD+0
↓
Pin name: SCK1,SCK2,SCK5 to SCK11
SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to SCS11
Value: Min tCSHD-10
Max tCSHD+50
Pin name: SCK3,SCK4
SCS3,SCS40 to SCS43
Value: Min tCSHD-300 Max tCSHD+50
(4-1-5),(4-1-
6)SCS↓⇒SOT delay time t
DSE
(4-1-7),(4-1-8)
SCS↑⇒SOT delay time t
DSE
Corrected the following description.
Pin name: SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70
to SCS73,SCS8 to SCS11
SOT1 to SOT11
Value: Min -
Max 40
↓
Pin name: SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,
SCS8 to SCS11
SOT1,SOT2,SOT5 to SOT11
Value: Min -
Max 40
Pin name: SCS3,SCS40 to SCS43
SOT3,SOT4
Value: Min - Max 300
(4-1-
5)SCK↓⇒SCS↓ clock switch time t
SCC
(4-1-6)SC
K↑⇒SCS↓ clock switch time t
SCC
(4-1-
7)SCK↓⇒SCS↑ clock switch time t
SCC
(4-1-
8)SCK↑⇒SCS↑ clock switch time t
SCC
Corrected the following description.
Pin name: SCK1 to SCK11
SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to
SCS73,SCS8 to SCS11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More