| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCF4094M013TR bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4094M013TR bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() HCF4094B 4/12 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage. (*) 500mW at 65 °C; derate to 300mW by 10mW/°Cfrom 65°Cto85°C RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VDD Supply Voltage -0.5 to +22 V VI DC Input Voltage -0.5 to VDD + 0.5 V II DC Input Current ± 10 mA PD Power Dissipation per Package 500 (*) mW Power Dissipation per Output Transistor 100 mW Top Operating Temperature -55 to +125 °C Tstg Storage Temperature -65 to +150 °C Symbol Parameter Value Unit VDD Supply Voltage 3to 20 V VI Input Voltage 0 to VDD V Top Operating Temperature -55 to 125 °C |