| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
30KP85A bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
30KP85A bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 3 page ![]() 30kW Transient Voltage Suppressor SCOTTSD A L E DIVISION 30KP33 thru 30KP400A ELECTRICAL CHARACTERISTICS Rated Stand-off Voltage VWM Breakdown Voltage V(BR) Volts @ I(BR) V(BR) I(BR) Maximum Clamping @ IPP 10/1000 µs VC Maximum Reverse Leakage @ VWM ID Maximum Peak Pulse Current IPP Maximum V(BR) temperature Coefficient αVZ Part Number VOLTS VOLTS mA VOLTS µAmps Amps mV/ oC 30KP33 30KP33A 30KP36 30KP36A 33 33 36 36 36.7-44.9 36.7-40.6 40.0-48.9 40.0-44.2 50 50 50 50 64.6 58.6 68.2 61.8 5000 5000 5000 5000 496 548 454 502 42 38 46 41 30KP40 30KP40A 30KP43 30KP43A 40 40 43 43 44.4-54.3 44.4-49.1 47.8-58.4 47.8-52.8 20 20 10 10 75.8 68.6 79.0 71.0 1500 1500 500 500 412 456 380 430 51 46 55 50 30KP45 30KP45A 30KP48 30KP48A 45 45 48 48 50.0-61.1 50.0-55.3 53.3-65.1 53.3-58.9 5 5 5 5 80.7 73.0 85.9 77.7 150 150 150 150 372 410 350 386 57 52 62 56 30KP51 30KP51A 30KP54 30KP54A 51 51 54 54 56.7-69.3 56.7-62.7 60.0-73.3 60.0-66.3 5 5 5 5 91.5 82.8 96.8 87.5 50 50 25 25 328 362 310 342 66 60 70 63 30KP58 30KP58A 30KP60 30KP60A 58 58 60 60 64.4-78.7 64.4-71.2 66.7-81.5 66.7-73.7 5 5 5 5 104 94.0 107 97.3 15 15 15 15 288 320 280 304 76 68 78 71 30KP64 30KP64A 30KP70 30KP70A 64 64 70 70 71.1-86.9 71.1-78.6 77.8-95.1 77.8-86.0 5 5 5 5 115 104 126 114 10 10 10 10 260 288 238 264 84 76 92 83 30KP75 30KP75A 30KP78 30KP78A 75 75 78 78 83.3-102.0 83.3-92.1 86.7-106.0 86.7-95.8 5 5 5 5 135 122 140 126 10 10 10 10 222 246 214 238 100 89 104 93 30KP85 30KP85A 30KP90 30KP90A 85 85 90 90 94.4-115 94.4-104 100-122 100-111 5 5 5 5 152 137 160 146 10 10 10 10 198 218 188 206 113 102 120 109 30KP100 30KP100A 30KP110 30KP110A 100 100 110 110 111-136 111-123 122-149 122-135 5 5 5 5 179 162 196 178 10 10 10 10 168 186 154 168 134 121 147 133 30KP120 30KP120A 30KP130 30KP130A 120 120 130 130 133-163 133-147 144-176 144-159 5 5 5 5 214 193 231 209 10 10 10 10 140 156 130 142 161 145 174 157 30KP150 30KP150A 30KP160 30KP160A 150 150 160 160 167-204 167-185 178-218 178-197 5 5 5 5 268 243 287 259 10 10 10 10 112 124 104 116 202 183 216 195 30KP170 30KP170A 30KP180 30KP180A 170 170 180 180 189-231 189-209 200-244 200-221 5 5 5 5 304 275 321 291 10 10 10 10 98 110 94 104 229 207 242 219 30KP200 30KP200A 30KP220 30KP220A 200 200 220 220 222-271 222-245 245-299 245-271 5 5 5 5 356 322 393 356 10 10 10 10 84 94 76 84 269 243 297 269 30KP250A 30KP260A 30KP280A 30KP300A 250 260 280 300 278-308 289-320 311-345 333-369 5 5 5 5 403 419 451 483 10 10 10 10 74 71 66 62 306 318 344 368 30KP350A 30KP400A 350 400 389-431 444-492 5 5 564 644 10 10 53 46 430 490 NOTE: For bidirectional construction, indicate a C or CA suffix after the part number. Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2003 06-24-2003 REV F |