| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
30KP85 bảng dữ liệu(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
30KP85 bảng dữ liệu(HTML) 1 Page - Microsemi Corporation |
|
1 / 3 page ![]() 30kW Transient Voltage Suppressor SCOTTSD A L E DIVISION 30KP33 thru 30KP400A DESCRIPTION APPEARANCE These Microsemi 30 kW Transient Voltage Suppressors (TVSs) are designed for applications requiring protection of voltage-sensitive electronic devices that may be damaged by harsh or severe voltage transients including lightning per IEC61000-4-5 and class levels with various source impedances described herein. This series is available in 33 to 400 volt standoff voltages (VWM) in both unidirectional and bi-directional with either 5% or 10% tolerances of the Breakdown Voltage (VBR). Microsemi also offers numerous other TVS products to meet higher or lower power demands and special applications IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com FEATURES APPLICATIONS / BENEFITS • Available in both Unidirectional and Bidirectional construction (Bidirectional with C or CA suffix) • Selections for 33 to 400 volt standoff voltages VWM • Suppresses transients up to 30 kW @ 10/1000 µs and 200 kW @ 8/20 µs (see Figure 1) • Fast response • Options for screening in accordance with MIL-PRF- 19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers. • Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B • Protection from switching transients and induced RF • Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4 • Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: Class 1,2,3,4: 30KP33A - 30KP400A or CA Class 5: 30KP33A - 30KP400A or CA (short distance) Class 5: 30KP33A - 30KP220A or CA (long distance) • Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: Class 1,2, 3: 30KP33A to 30KP400A or CA Class 4: 30KP33A to 30KP220A or CA • Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance: Class 2: 30KP33A to 30KP400A or CA Class 3: 30KP33 to 30KP220A or CA Class 4: 30KP33 to 30KP110A or CA MAXIMUM RATINGS MECHANICAL AND PACKAGING • Peak Pulse Power dissipation at 25ºC: 30,000 watts at 10/1000 µs (also see Figures 1 and 2) • Impulse repetition rate (duty factor): 0.05% • tclamping (0 volts to V(BR) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional • Operating & Storage temperature: -65ºC to +150ºC • Thermal resistance: 17.5ºC/W junction to lead, or 77.5 ºC/W junction to ambient when mounted on FR4 PC board with 4 mm 2 copper pads (1oz) and track width 1 mm, length 25 mm • Steady-State Power dissipation: 7 watts at TL = 27.5 oC, or 1.61 watts at TA = 25ºC when mounted on FR4 PC board described for thermal resistance • Forward Surge: 250 Amps 8.3 ms half-sine wave • Solder temperatures: 260 ºC for 10 s (maximum) • CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0 • FINISH: Tin-Lead plated readily solderable per MIL- STD-750, method 2026 • MARKING: Body marked with part number • POLARITY: Band denotes cathode. Bidirectional not marked for polarity • WEIGHT: 1.8 grams. • TAPE & REEL option: Standard per EIA-296 for axial package (add “TR” suffix to part number) • See package dimension on last page Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 1 Copyright 2003 06-24-2003 REV F |
Số phần tương tự - 30KP85 |
|
Mô tả tương tự - 30KP85 |