công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90348EPF bảng dữ liệu(PDF) 76 Page - Cypress Semiconductor

tên linh kiện MB90348EPF
Giải thích chi tiết về linh kiện  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90348EPF bảng dữ liệu(HTML) 76 Page - Cypress Semiconductor

Back Button MB90348EPF Datasheet HTML 72Page - Cypress Semiconductor MB90348EPF Datasheet HTML 73Page - Cypress Semiconductor MB90348EPF Datasheet HTML 74Page - Cypress Semiconductor MB90348EPF Datasheet HTML 75Page - Cypress Semiconductor MB90348EPF Datasheet HTML 76Page - Cypress Semiconductor MB90348EPF Datasheet HTML 77Page - Cypress Semiconductor MB90348EPF Datasheet HTML 78Page - Cypress Semiconductor MB90348EPF Datasheet HTML 79Page - Cypress Semiconductor MB90348EPF Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 75 of 92
MB90340E Series
(Continued)
11.7 Notes on A/D Converter Section
Use the device with external circuits of the following output impedance for analog inputs :
Recommended output impedance of external circuits are : Approx. 1.5 k
 or lower (4.0 V
AV
CC5.5 V,
sampling period
0.5 s)
If an external capacitor is used, in consideration of the capacitive voltage dividing effect between the external capacitor and the
internal on-chip capacitor, it is recommended that the capacitance of the external capacitor be several thousand times greater than
the capacitance of the internal capacitor.
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVRL
AVRH
AVRL
AVRH
(N
+ 1)H
NH
(N
− 1)H
(N
− 2)H
VOT (actual measurement value)
{1 LSB
× (N − 1)
+ VOT }
Actual conversion
characteristics
VFST (actual
measurement
value)
VNT (actual
measurement value)
Actual conversion
characteristics
Ideal characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Ideal
characteristics
Analog input
Analog input
VNT
(actual measurement value)
V (N + 1) T
(actual measurement
value)
Non linearity error
Differential linearity error
Non linearity error of digital output N
VNT {1 LSB (N 1) VOT}
1 LSB
[LSB]
Differential linearity error of digital output N
V (N+1) T VNT
1 LSB
1 LSB [LSB]
VFST VOT
1022
[V]
1 LSB
N
: Value of the digital output from the A/D converter
VOT : Voltage at which digital output transits from “000H” to “001H.”
VFST : Voltage at which digital output transits from “3FEH” to “3FFH.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com