công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9B520TA bảng dữ liệu(PDF) 39 Page - Cypress Semiconductor

tên linh kiện MB9B520TA
Giải thích chi tiết về linh kiện  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520TA bảng dữ liệu(HTML) 39 Page - Cypress Semiconductor

Back Button MB9B520TA Datasheet HTML 35Page - Cypress Semiconductor MB9B520TA Datasheet HTML 36Page - Cypress Semiconductor MB9B520TA Datasheet HTML 37Page - Cypress Semiconductor MB9B520TA Datasheet HTML 38Page - Cypress Semiconductor MB9B520TA Datasheet HTML 39Page - Cypress Semiconductor MB9B520TA Datasheet HTML 40Page - Cypress Semiconductor MB9B520TA Datasheet HTML 41Page - Cypress Semiconductor MB9B520TA Datasheet HTML 42Page - Cypress Semiconductor MB9B520TA Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
Document Number: 002-05661 Rev. *D
Page 38 of 131
MB9B520TA Series
Pin
function
Pin name
Function description
Pin No.
LQFP-176
LQFP-144
BGA-192
Multi Function
Serial
4
SIN4_0
Multifunction serial interface ch.4 input pin
165
135
C6
SIN4_1
100
84
J12
SIN4_2
8
8
D3
SOT4_0
(SDA4_0)
Multifunction serial interface ch.4 output pin.
This pin operates as SOT4 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SDA4 when it is used in an I2C
(operation mode 4).
164
134
B6
SOT4_1
(SDA4_1)
101
85
J11
SOT4_2
(SDA4_2)
9
9
D4
SCK4_0
(SCL4_0)
Multifunction serial interface ch.4 clock I/O pin.
This pin operates as SCK4 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SCL4 when it is used in an I2C
(operation mode 4).
163
133
F7
SCK4_1
(SCL4_1)
102
86
J10
SCK4_2
(SCL4_2)
10
10
E2
RTS4_0
Multifunction serial interface ch.4 RTS output pin
161
131
D7
RTS4_1
104
88
H10
RTS4_2
12
12
E4
CTS4_0
Multifunction serial interface ch.4 CTS input pin
162
132
E7
CTS4_1
103
87
J9
CTS4_2
11
11
E3
Multi Function
Serial
5
SIN5_0
Multifunction serial interface ch.5 input pin
169
139
C5
SIN5_1
141
-
B10
SIN5_2
34
26
J3
SOT5_0
(SDA5_0)
Multifunction serial interface ch.5 output pin.
This pin operates as SOT5 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SDA5 when it is used in an I2C
(operation mode 4).
168
138
B5
SOT5_1
(SDA5_1)
142
-
C10
SOT5_2
(SDA5_2)
35
27
J2
SCK5_0
(SCL5_0)
Multifunction serial interface ch.5 clock I/O pin.
This pin operates as SCK5 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SCL5 when it is used in an I2C
(operation mode 4).
167
137
E6
SCK5_1
(SCL5_1)
143
-
D10
SCK5_2
(SCL5_2)
36
28
K1
Multi Function
Serial
6
SIN6_0
Multifunction serial interface ch.6 input pin
16
16
F3
SIN6_1
31
-
H6
SIN6_2
170
-
B4
SOT6_0
(SDA6_0)
Multifunction serial interface ch.6 output pin.
This pin operates as SOT6 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SDA6 when it is used in an I2C (operation mode
4).
17
17
F4
SOT6_1
(SDA6_1)
30
-
H5
SOT6_2
(SDA6_2)
171
-
C4
SCK6_0
(SCL6_0)
Multifunction serial interface ch.6 clock I/O pin.
This pin operates as SCK6 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SCL6 when it is used in an I2C (operation mode
4).
18
18
F5
SCK6_1
(SCL6_1)
29
-
H4
SCK6_2
(SCL6_2)
172
-
B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com