| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B520M bảng dữ liệu(PDF) 23 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B520M bảng dữ liệu(HTML) 23 Page - Cypress Semiconductor |
|
23 / 108 page ![]() Document Number: 002-05649 Rev. *D Page 23 of 108 MB9B520M Series List of pin functions The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Pin function Pin name Function description Pin No LQFP-80 BGA-96 LQFP-64 QFN-64 LQFP-48 QFN-48 ADC ADTG_0 A/D converter external trigger input pin 66 A8 - - ADTG_1 7 D3 - - ADTG_2 13 G3 9 5 ADTG_3 74 C5 58 - ADTG_6 12 G2 8 - AN00 A/D converter analog input pin. ANxx describes ADC ch.xx. 42 J11 34 25 AN01 43 J10 35 26 AN02 44 J8 36 27 AN04 46 H9 38 29 AN05 47 G10 39 30 AN06 48 G9 - - AN07 49 F10 40 - AN08 53 F9 44 - AN09 54 E11 45 - AN10 55 E10 - - AN11 56 E9 - - AN12 57 D10 46 34 AN13 58 D9 47 35 AN14 59 C11 48 36 AN15 67 C8 54 - AN16 68 C7 55 - AN17 69 B7 56 - AN18 72 A6 57 42 AN19 74 C5 58 - AN20 75 B4 59 43 AN21 76 C4 60 44 AN22 2 C1 2 2 AN23 3 C2 3 3 AN24 4 B3 4 4 AN25 9 E2 5 - AN26 10 E3 6 - |