công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9B320TA bảng dữ liệu(PDF) 13 Page - Cypress Semiconductor

tên linh kiện MB9B320TA
Giải thích chi tiết về linh kiện  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA bảng dữ liệu(HTML) 13 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 9Page - Cypress Semiconductor MB9B320TA Datasheet HTML 10Page - Cypress Semiconductor MB9B320TA Datasheet HTML 11Page - Cypress Semiconductor MB9B320TA Datasheet HTML 12Page - Cypress Semiconductor MB9B320TA Datasheet HTML 13Page - Cypress Semiconductor MB9B320TA Datasheet HTML 14Page - Cypress Semiconductor MB9B320TA Datasheet HTML 15Page - Cypress Semiconductor MB9B320TA Datasheet HTML 16Page - Cypress Semiconductor MB9B320TA Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 12 of 142
MB9B320TA Series
4. List of Pin Functions
List of pin numbers
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins,
there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to
select the pin.
Pin No
Pin Name
I/O circuit
type
Pin state
type
LQFP-176
LQFP-144
BGA-192
1
1
C1
VCC
-
2
2
B2
PA0
I*
J
SIN8_0
TIOA08_0
MAD21_0
3
3
C2
PA1
I*
J
SOT8_0
TIOA09_0
MAD22_0
4
4
C3
PA2
I*
J
SCK8_0
TIOA10_0
MAD23_0
5
5
D5
PA3
I*
J
SIN9_0
TIOA11_0
MAD24_0
6
6
D2
PA4
I*
K
SOT9_0
TIOA12_0
INT03_0
7
7
D1
PA5
I*
K
SCK9_0
TIOA13_0
INT10_2
8
8
D3
P05
E
Q
TRACED0
SIN4_2
TIOA05_2
INT00_1
9
9
D4
P06
E
Q
TRACED1
SOT4_2
TIOB05_2
INT01_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More