| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B310T bảng dữ liệu(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B310T bảng dữ liệu(HTML) 13 Page - Cypress Semiconductor |
|
13 / 129 page ![]() Document Number: 002-04686 Rev.*C Page 12 of 128 MB9B310T Series 4. List of Pin Functions List of pin numbers The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Pin No Pin Name I/O circuit type Pin state type LQFP-176 LQFP-144 BGA-192 1 1 C1 VCC - 2 2 B2 PA0 G I RTO20_0 TIOA08_0 FRCK1_0 3 3 C2 PA1 G I RTO21_0 TIOA09_0 IC10_0 4 4 C3 PA2 G I RTO22_0 TIOA10_0 IC11_0 5 5 D5 PA3 G I RTO23_0 TIOA11_0 IC12_0 6 6 D2 PA4 G H RTO24_0 TIOA12_0 IC13_0 INT03_0 7 7 D1 PA5 G H RTO25_0 TIOA13_0 INT10_2 8 8 D3 P05 E F TRACED0 TIOA05_2 SIN4_2 INT00_1 9 9 D4 P06 E F TRACED1 TIOB05_2 SOT4_2 INT01_1 |