| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29PDL128G70 bảng dữ liệu(PDF) 56 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29PDL128G70 bảng dữ liệu(HTML) 56 Page - SPANSION |
|
56 / 69 page ![]() July 29, 2002 Am29PDL128G 55 P R E L I M I NARY AC CHARACTERISTICS Word/Double Word Configuration (WORD#) Parameter Speed Options JEDEC Std Description 70R, 70 80 90 Unit t ELFL/tELFH CE# to WORD# Switching Low or High Max 5 ns t FLQZ WORD# Switching Low to Output HIGH Z Max 30 30 30 ns t FHQV WORD# Switching High to Output Active Min 70 80 90 ns Data Switching from word mode to double word mode Switching from double word mode to word mode tELFL tELFH tFLQZ tFHQV Address Input Address Input Output Output Output Output Output Output Output Output DQ30–DQ16 DQ30–DQ16 DQ31/A-1 DQ31/A-1 DQ15–DQ0 DQ15–DQ0 WORD# WORD# OE# CE# Figure 14. WORD# Timings for Read Operations Note: Refer to the Erase/Program Operations table for t AS and tAH specifications. Figure 15. WORD# Timings for Write Operations CE# WE# WORD# The falling edge of the last WE# signal t HOLD (tAH) t SET (t AS) |