công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SFH7771 bảng dữ liệu(PDF) 18 Page - OSRAM GmbH

tên linh kiện SFH7771
Giải thích chi tiết về linh kiện  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 bảng dữ liệu(HTML) 18 Page - OSRAM GmbH

Back Button SFH7771 Datasheet HTML 14Page - OSRAM GmbH SFH7771 Datasheet HTML 15Page - OSRAM GmbH SFH7771 Datasheet HTML 16Page - OSRAM GmbH SFH7771 Datasheet HTML 17Page - OSRAM GmbH SFH7771 Datasheet HTML 18Page - OSRAM GmbH SFH7771 Datasheet HTML 19Page - OSRAM GmbH SFH7771 Datasheet HTML 20Page - OSRAM GmbH SFH7771 Datasheet HTML 21Page - OSRAM GmbH SFH7771 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Version 1.1
18
Version 1.1
SFH 7771
PERSISTENCE Register (0x43)
Settings of persistence interrupt function. Persistence function is only valid for the PS interrupt.
R/W-Register 0x43
Bit
7
6
5
4
3
2
1
0
Reserved (read only) Persistence
default 0000
0001 Interrupt status is updated after each measurement
0000 Interrupt becomes active after each measurement
(The mode indicates that a PS or ALS measurement has been finished and can
be read via the register. It is independent of the ALS & PS measurement value
and threshold settings)
0001 Interrupt status is updated after each measurement
(The interrupt status is updated independently after each measurement.
Active
or
Inactive status of the interrupt is depending on the values of the last
measurement in combination with the interrupt settings :“interrupt mode“
(register 0x4A) and „thresholds“ register 0x4C and following.)
0010 Interrupt status is updated if two consecutive threshold
judgement are the same
(The interrupt status only changes if the interrupt judgement of 2 consecutive
measurement results are the same and different to the current interrupt status.)
0011 ... 1111 Interrupt status is updated if threshold judgement are
the same over consecutive set times (3 ... 15)
(This is the same procedure like in the 0010 persistence mode, but instead of
2 consecutive threshold judgments more are needed (3 to 15 depending on the
setting) to change the interrupt status.)
e.g.:
1010: 10 measurement results in a row need to fulfill the interrupt judgement to
update the interrupt status
PS_DATA_LSBs register (0x44)
LSB of the PS output.
R-Register 0x44
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default 0
0
0
0
0
0
0
0
PS_DATA_MSBs register (0x45)
MSB of the PS output.
R-Register 0x45
Bit
7
6
5
4
3
2
1
0
not used
not used
not used
not used
2
11
2
10
2
9
2
8
default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30