| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SFH7060 bảng dữ liệu(PDF) 22 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH7060 bảng dữ liệu(HTML) 22 Page - OSRAM GmbH |
|
22 / 24 page ![]() 2016-04-20 22 Version 1.1 SFH7060 Barcode-Product-Label (BPL) Dry Packing Process and Materials Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card. Regarding dry pack you will find further information in the internet. Here you will also find the normative references like JEDEC. OHA04563 (G) GROUP: 1234567890 (1T) LOT NO: (9D) D/C: 1234 (X) PROD NO: 123456789 (6P) BATCH NO: 1234567890 LX XXXX RoHS Compliant BIN1: XX-XX-X-XXX-X ML X Temp ST XXX °C X Pack: RXX DEMY XXX X_X123_1234.1234 X 9999 (Q)QTY: Semiconductors OSRAM Opto XX-XX-X-X LE X X PLE LLXX 234.1234 X X-X-X LLLLLL PL XXX XXX 12 123 XX XX MPL XX X X_X123_1 XX-XX MPL Pack: RX Pack: RX DEMY DEMY MP 4 MP AMP M M M AM M AM M D) D/C D) D/C 234 234 M M M M M 3 PL Pack: R DEMY AM M M AM AM D/ MP M M M : 123 AM AM AAM (9D XAAA XAA XA XXA X EXA EX EX EXXXXA XX EX EXX 7890 7890 EXXXXXX EX EXA EEEX EX EEXX EEX EEX EX EX : 1234567 r EEEEEEEEE NO: NO: 234 234 EX ors ors XA X 890 X RX DEMY 12 D) D/C: 234 ( 7890 NO: 234 po XXX _123 XX- Pack: R DEMY tors OHA00539 OS RAM Moisture-sensitive label or print Barcode label Desiccant Humidity indicator Barcode label OSR AM M o is tu re Le v e l 3 F lo o r tim e 1 6 8 H o u rs M o is tu re L e v e l 6 F lo or ti m e 6 H o u rs a ) H u m id it y In d ic a to r C a rd is > 1 0 % w h e n re a d a t 2 3 ˚ C ± 5 ˚C , o r re flo w , v a p o r- ph a se refl ow , o r e q u iv a le n t p ro ce s si n g (p e a k p a c k a g e 2 . A ft er th is b a g i s o p e n e d , d e vi c e s th a t w ill b e s u b je c te d to in fr a re d 1 . S h e lf life in s e a le d b a g : 2 4 mo n th s a t < 4 0 ˚C a n d < 9 0 % re la ti v e h u mi d it y (R H). M o is tu re L e ve l 5 a a t fa c to ry c o n d it ion s o f (i f b la n k , s e a l d a te i s i d e n ti ca l wi th d a te co d e ). a ) M o u n ted wi th in b ) S to re d a t b o dy te m p . 3 . D e v ic e s re q u ir e b a k in g , b e fo re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e v e l 1 M o is tu re L e ve l 2 M o is tu re L e v e l 2 a 4 . If b a k in g is re q u ir e d , b ) 2 a or 2 b is n o t m e t. D a te a n d ti me o p e n e d : re fe re n ce I PC /J E D E C J -S T D -0 33 fo r b a k e p ro c e d u re . Fl o o r ti m e s e e b e lo w If b la n k, se e b a r c o d e la b e l F lo o r tim e > 1 Ye a r Fl o or tim e 1 Y e a r F lo o r tim e 4 We e k s 1 0 % R H . _ < M o is tu re L ev e l 4 M o is tu re L e v e l 5 ˚C ). OP T O S EM IC O ND U C TO R S M OI S T U RE S E N S IT IV E T hi s b ag co n ta in s C A U T IO N F lo o r ti m e 7 2 H o u rs F lo o r tim e 4 8 H o u rs Fl o o r ti m e 2 4 H o u rs 3 0 ˚ C /6 0 % R H. _ < L E V E L If b la n k , s ee b a r co d e la b e l |