| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6S28 bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6S28 bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 43 page ![]() 2003 Microchip Technology Inc. DS21117A-page 21 MCP6S21/2/6/8 5.2.3 CHANGING THE CHANNEL If the instruction register is programmed to address the channel register, the multiplexed inputs of the MCP6S22, MCP6S26 and MCP6S28 can be changed per Register 5-3. REGISTER 5-3: CHANNEL REGISTER U-x U-x U-x U-x U-x W-0 W-0 W-0 — — — — —C2 C1 C0 bit 7 bit 0 bit 7-3 Unimplemented: Read as ‘0’ (reserved for future use) bit 2-0 C2-C0: Channel Select Bits MCP6S21 000 = CH0 (Default) 001 = CH0 001 = CH0 011 = CH0 100 = CH0 101 = CH0 110 = CH0 111 = CH0 MCP6S22 CH0 (Default) CH1 CH0 CH1 CH0 CH1 CH0 CH1 MCP6S26 CH0 (Default) CH1 CH2 CH3 CH4 CH5 CH0 CH0 MCP6S28 CH0 (Default) CH1 CH2 CH3 CH4 CH5 CH6 CH7 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ’1’ = Bit is set ’0’ = Bit is cleared x = Bit is unknown |